Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25Q41BSIGR Datasheet (PDF) - GigaDevice Semiconductor (Beijing) Inc.

GD25Q41BSIGR Datasheet PDF - GigaDevice Semiconductor (Beijing) Inc.
Part # GD25Q41BSIGR
Download  GD25Q41BSIGR Download
File Size   1012.68 Kbytes
Page   51 Pages
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.
Description Uniform Sector Dual and Quad Serial Flash

GD25Q41BSIGR Datasheet (PDF)

Go To PDF Page Download Datasheet
GD25Q41BSIGR Datasheet PDF - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q41BSIGR
Download  GD25Q41BSIGR Click to download

File Size   1012.68 Kbytes
Page   51 Pages
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.
Description Uniform Sector Dual and Quad Serial Flash

GD25Q41BSIGR Datasheet (HTML) - GigaDevice Semiconductor (Beijing) Inc.


GD25Q41BSIGR Product details

1. FEATURES
◆ 2M-bit Serial Flash
-256K-byte
-256 bytes per programmable page
◆ Standard, Dual, Quad SPI
-Standard SPI: SCLK, CS#, SI, SO, WP#, HOLD#
-Dual SPI:SCLK, CS#, IO0, IO1, WP#, HOLD#
-Quad SPI:SCLK, CS#, IO0, IO1, IO2, IO3
◆ High Speed Clock Frequency
-104MHz for fast read with 30PF load
-Dual I/O Data transfer up to 208Mbits/s
-Quad I/O Data transfer up to 416Mbits/s
◆ Software/Hardware Write Protection
-Write protect all/portion of memory via software
-Enable/Disable protection with WP# Pin
-Top or Bottom, Sector or Block selection
◆ Program/Erase Speed
-Page Program time:0.35ms typical
-Sector Erase time:50ms typical
-Block Erase time: 0.18/0.25s typical
-Chip Erase time:0.8s typical
◆ Flexible Architecture
-Sector of 4K-byte
-Block of 32/64K-byte
◆ Low Power Consumption
-12mA maximum active current
-5uA maximum power down current
◆ Single Power Supply Voltage
-Full voltage range:2.7~3.6V
◆ Minimum 100,000 Program/Erase Cycles
◆ Advanced security Features
-Power Supply Lock-Down
-3*512-Byte Security Registers With OTP Locks
- Volatile and Non-volatile Status Register Bits




Similar Part No. - GD25Q41BSIGR

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
GD25Q41B ELM-GD25Q41B Datasheet
3Mb / 46P
Uniform Sector Dual and Quad Serial Flash
GD25Q41BXIGX ELM-GD25Q41BXIGX Datasheet
3Mb / 46P
Uniform Sector Dual and Quad Serial Flash
More results


Similar Description - GD25Q41BSIGR

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25C160G ACE-ACE25C160G Datasheet
1Mb / 36P
Uniform SECTOR Dual and Quad Serial Flash
VER 1.5
ACE25C100G ACE-ACE25C100G Datasheet
1Mb / 37P
Uniform Sector Dual and Quad Serial Flash
VER 1.4
ACE25C320G ACE-ACE25C320G Datasheet
2Mb / 37P
Uniform SECTOR Dual and Quad Serial Flash
VER 1.5
ACE25C512G ACE-ACE25C512G Datasheet
1Mb / 37P
Uniform Sector Dual and Quad Serial Flash
VER 1.5
logo
ELM Electronics
GD25Q21BXIGX ELM-GD25Q21BXIGX Datasheet
3Mb / 49P
Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25VE16C GIGADEVICE-GD25VE16C Datasheet
1Mb / 60P
Uniform Sector Dual and Quad Serial Flash
GD25VE32C GIGADEVICE-GD25VE32C Datasheet
1Mb / 63P
Uniform Sector Dual and Quad Serial Flash
GD25VE40C GIGADEVICE-GD25VE40C Datasheet
1Mb / 55P
Uniform Sector Dual and Quad Serial Flash
GD25VQ16C GIGADEVICE-GD25VQ16C Datasheet
1Mb / 59P
Uniform Sector Dual and Quad Serial Flash
GD25VQ127C GIGADEVICE-GD25VQ127C Datasheet
1Mb / 62P
Uniform Sector Dual and Quad Serial Flash
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com