Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD1003 Datasheet (PDF) - Diodes Incorporated

DGD1003 Datasheet PDF - Diodes Incorporated
Part # DGD1003
Download  DGD1003 Download
File Size   767.55 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HALF-BRIDGE GATE DRIVER IN V-DFN3035-8

DGD1003 Datasheet (PDF)

Go To PDF Page Download Datasheet
DGD1003 Datasheet PDF - Diodes Incorporated

Part # DGD1003
Download  DGD1003 Click to download

File Size   767.55 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HALF-BRIDGE GATE DRIVER IN V-DFN3035-8

DGD1003 Datasheet (HTML) - Diodes Incorporated


DGD1003 Product details

Features
Floating High-Side Driver in Bootstrap Operation to 150V
Drives Two N-Channel MOSFETs or IGBTs in a Half-Bridge
Configuration
290mA Source/600mA Sink Output Current Capability
Outputs Tolerant to Negative Transients
Internal Dead Time of 420ns to Protect MOSFETs
Wide Low Side Gate Driver Supply Voltage: 10V to 20V
Logic Input (HIN and LIN*) 3.3V Capability
Schmitt Triggered Logic Inputs
Undervoltage Lockout for VCC (Logic and Low Side Supply)
Extended Temperature Range: -40°C to +125°C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony free. “Green” Device (Note 3)
For automotive applications requiring specific change
control

Applications
DC-DC Converters
DC-AC Inverters
AC-DC Power Supplies
Motor Controls
Class D Power Amplifiers




Similar Part No. - DGD1003

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD1503 DIODES-DGD1503 Datasheet
758Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 2
DGD1504 DIODES-DGD1504 Datasheet
967Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 1
DGD1504 DIODES-DGD1504 Datasheet
1Mb / 11P
250V HALF-BRIDGE GATE DRIVER IN SO-8
Rev. 2 - 2 August 2022
DGD1504S8-13 DIODES-DGD1504S8-13 Datasheet
1Mb / 11P
250V HALF-BRIDGE GATE DRIVER IN SO-8
Rev. 2 - 2 August 2022
DGD1504 DIODES-DGD1504_V01 Datasheet
1Mb / 11P
250V HALF-BRIDGE GATE DRIVER IN SO-8
Rev. 2 - 2 August 2022
More results


Similar Description - DGD1003

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2103 DIODES-DGD2103 Datasheet
823Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 3
DGD2103A DIODES-DGD2103A Datasheet
792Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 2
DGD2104 DIODES-DGD2104 Datasheet
731Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 3
DGD2104A DIODES-DGD2104A Datasheet
710Kb / 12P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 2
DGD2184 DIODES-DGD2184 Datasheet
734Kb / 12P
HALF BRIDGE GATE DRIVER IN SO-8
Rev 2
DGD21042 DIODES-DGD21042 Datasheet
968Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 1
DGD1503 DIODES-DGD1503 Datasheet
758Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 2
DGD1504 DIODES-DGD1504 Datasheet
967Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 1
DGD21032 DIODES-DGD21032 Datasheet
943Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 1
DGD2304 DIODES-DGD2304_V01 Datasheet
786Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev. 6 - 2 December 2020
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com