Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL1206AT Datasheet (PDF) - Vishay Siliconix

IL1206AT Datasheet PDF - Vishay Siliconix
Part # IL1206AT
Download  IL1206AT Download
File Size   152.89 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 Package, 110 °C Rated

IL1206AT Datasheet (PDF)

Go To PDF Page Download Datasheet
IL1206AT Datasheet PDF - Vishay Siliconix

Part # IL1206AT
Download  IL1206AT Click to download

File Size   152.89 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 Package, 110 °C Rated

IL1206AT Datasheet (HTML) - Vishay Siliconix


IL1206AT Product details

FEATURES
• Operating temperature from -55 °C to +110 °C
• High BVCEO, 70 V
• Isolation test voltage, 4000 VRMS
• Industry standard SOIC-8 surface mountable
package
• Compatible with dual wave, vapor phase and IR
reflow soldering
• Lead (Pb)-free component
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• AC adapters
• PLCs
• Switch mode power supplies
• DC/DC converters
• Microprocessor I/O interfaces
• General impedance matching circuits

AGENCY APPROVALS
• UL1577 - file no. E52744 system code Y
• cUL - file no. E52744
• DIN EN 60747-5-5 (VDE 0884) available with option 1
• CSA 93751
• FIMKO

DESCRIPTION
The 110 °C 1206AT, 1207AT, 1208AT are optically coupled
pairs with a gallium arsenide infrared LED and a silicon NPN
phototransistor. Signal information, including a DC level,
can be transmitted by the device while maintaining a high
degree of electrical isolation between input and output. This
family comes in a standard SOIC-8 small outline package for
surface mounting which makes them ideally suited for high
density application with limited space. In addition to
eliminating through-hole requirements, this package
conforms to standards for surface mounted devices.
A specified minimum and maximum CTR allows a narrow
tolerance in the electrical design of the adjacent circuits. The
high BVCEO of 70 V gives a higher safety margin compared
to the industry standard 30 V.




Similar Part No. - IL1206AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL1206AT VISHAY-IL1206AT Datasheet
146Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package, 110 °C Rated
08-May-08
IL1206AT VISHAY-IL1206AT Datasheet
153Kb / 8P
Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 Package, 110 °C Rated
23-Nov-2020
IL1206AT VISHAY-IL1206AT_V02 Datasheet
153Kb / 8P
Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 Package, 110 °C Rated
23-Nov-2020
More results


Similar Description - IL1206AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL205AT VISHAY-IL205AT_05 Datasheet
259Kb / 7P
Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 package
18-Apr-05
IL1207AT VISHAY-IL1207AT Datasheet
148Kb / 10P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package, 110 °C Rated
08-May-08
VO211AT VISHAY-VO211AT Datasheet
115Kb / 8P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
02-Dec-08
IL1205AT VISHAY-IL1205AT Datasheet
146Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package, 110 °C Rated
08-May-08
IL211AT VISHAY-IL211AT_10 Datasheet
141Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
21-Dec-10
IL213AT VISHAY-IL213AT_V01 Datasheet
138Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
21-Dec-10
VO208AT VISHAY-VO208AT_V01 Datasheet
114Kb / 6P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
22-Nov-12
IL1206AT VISHAY-IL1206AT_V02 Datasheet
153Kb / 8P
Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 Package, 110 °C Rated
23-Nov-2020
IL211AT VISHAY-IL211AT_V02 Datasheet
138Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
21-Dec-10
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com