Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C96-MU Datasheet (PDF) - SMSC Corporation

LAN91C96-MU Datasheet PDF - SMSC Corporation
Part # LAN91C96-MU
Download  LAN91C96-MU Download
File Size   775.84 Kbytes
Page   125 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet

LAN91C96-MU Datasheet (PDF)

Go To PDF Page Download Datasheet
LAN91C96-MU Datasheet PDF - SMSC Corporation

Part # LAN91C96-MU
Download  LAN91C96-MU Click to download

File Size   775.84 Kbytes
Page   125 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet

LAN91C96-MU Datasheet (HTML) - SMSC Corporation


LAN91C96-MU Product details

General Description

The LAN91C96 is a VLSI Ethernet Controller that combines Local Bus, PCMCIA, and Motorola 68000 bus interfaces in one chip. LAN91C96 integrates all MAC and physical layer functions, as well as the packet RAM, needed to implement a high performance 10BASE-T (twisted pair) node. For 10BASE5 (thick coax), 10BASE2 (thin coax), and 10BASE-F (fiber) implementations, the LAN91C96 interfaces to external transceivers via the provided AUI port. Only one additional IC is required for most applications. The LAN91C96 comes with Full Duplex Switched Ethernet (FDSWE) support allowing the controller to provide much higher throughput. 6K bytes of RAM is provided to support enhanced throughput and compensate for any increased system service latencies. The controller implements multiple advanced power-down modes including Magic Packet to conserve power and operate more efficiently. The LAN91C96 can directly interface with the Local Bus, PCMCIA, and 68000 buses and deliver no-wait-state operation. For Local Bus and PCMCIA interfaces, the LAN91C96 occupies 16 I/0 locations and no memory space except for PCMCIA attribute memory space. The sameI/O space is used for both LOCAL BUS and PCMCIA operations. 



Product Features

Non-PCI Single-Chip Ethernet Controller

A Subset of Motorola 68000 Bus Interface Support

Fully Supports Full Duplex Switched Ethernet

Supports Enhanced Transmit Queue Management

6K Bytes of On-Chip RAM

Supports IEEE 802.3 (ANSI 8802-3) Ethernet Standards

Automatic Detection of TX/RX Polarity Reversal

Enhanced Power Management Features

Supports “Magic Packet” Power Management Technology

Simultasking Early Transmit and Early Receive Functions

Enhanced Early Transmit Function

Receive Counter for Enhanced Early Receive

Hardware Memory Management Unit Optional Configuration via Serial EEPROM Interface (Jumperless)

Supports single +5V or +3.3V (for Revisions E and Later) VCC Designs

Supports Mixed Voltage External PHY Designs1

Low Power CMOS Design

100 Pin QFP and TQFP (1.0 mm body Thickness) Packages

Pin Compatible with the LAN91C92 and LAN91C94




Similar Part No. - LAN91C96-MU

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN91C96-MU SMSC-LAN91C96-MU Datasheet
631Kb / 125P
Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
More results


Similar Description - LAN91C96-MU

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C970A AMD-AM79C970A Datasheet
1Mb / 219P
PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
logo
SMSC Corporation
LAN91C96I SMSC-LAN91C96I Datasheet
655Kb / 110P
NON-PCI SINGLE-CHIP FULL DUPLES ETHERNET CONTROLLER
logo
List of Unclassifed Man...
SMC91C95 ETC1-SMC91C95 Datasheet
530Kb / 139P
ISA/PCMCIA Full Duplex Single-Chip Ethernet and Modem Controller with RAM
RTL8029AS ETC2-RTL8029AS Datasheet
578Kb / 41P
Realtek PCI Full-Duplex Ethernet Controller with built-in SRAM
logo
SMSC Corporation
LAN91C95 SMSC-LAN91C95 Datasheet
502Kb / 144P
ISA/PCMCIA Full Duplex Single-Chip Ethernet and Modem Controller with RAM
LAN91C96 SMSC-LAN91C96_07 Datasheet
631Kb / 125P
Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
LAN91C96I SMSC-LAN91C96I_07 Datasheet
547Kb / 109P
Non-PCI Single-Chip Full Duplex Ethernet Controller
logo
Micrel Semiconductor
KSZ8841 MICREL-KSZ8841_11 Datasheet
654Kb / 105P
Single-Port Ethernet MAC Controller with Non-PCI Interface
KSZ8841-16 MICREL-KSZ8841-16_08 Datasheet
654Kb / 105P
Single-Port Ethernet MAC Controller with Non-PCI Interface
logo
Microchip Technology
KSZ8841-16M MICROCHIP-KSZ8841-16M Datasheet
2Mb / 98P
Single-Port Ethernet MAC Controller with Non-PCI Interface
05/14/19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com