Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX66301ETN+ Datasheet (PDF) - Analog Devices

MAX66301ETN+ Datasheet PDF - Analog Devices
Part # MAX66301ETN+
Download  MAX66301ETN+ Download
File Size   438.05 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DeepCover Secure Authenticator with SHA-3 and RFID Reader

MAX66301ETN+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX66301ETN+ Datasheet PDF - Analog Devices

Part # MAX66301ETN+
Download  MAX66301ETN+ Click to download

File Size   438.05 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DeepCover Secure Authenticator with SHA-3 and RFID Reader

MAX66301ETN+ Datasheet (HTML) - Analog Devices


MAX66301ETN+ Product details

General Description
DeepCover® embedded security solutions cloak sensitive
data under multiple layers of advanced physical security
to provide the most secure key storage possible.
The MAX66301 DeepCover secure authenticator combines
a highly integrated RFID reader for contactless communication
at 13.56MHz and a SHA-3 secure authenticator
coprocessor. The RFID IC reader covers both the ISO
14443 Type A and ISO 15693 standards. The authenticator
coprocessor's engine is based on the FIPS 202 standard
and supports secure challenge-and-response authentication
when paired with peripherals such as the
MAX66250 transponder. An embedded host processor
can easily interface with the MAX66301 using its UART or
SPI interface.

Benefits and Features
● Secure, Contactless Host Authenticator
• ISO/IEC 15693 and 14443 Type A Standard
Compliant
• SHA-3 Engine to Run a Symmetric Key-Based
Bidirectional Secure Authentication
• Four 32-Byte Pages of User Memory
• Four Main Secrets with Multiple Programmable
Protection Options
• 76-Byte Scratchpad in SRAM
• True Hardware Random-Number Generator
• Unique 64-Bit Serial Number
● Design Flexibility Supports Diverse Applications
• UART and SPI Interface Ports
• Power-Down Mode Selectable by an Input Pin
(Low, Standby Power)
• Antenna Short-Circuit Protection
• Compatible with 3.3V or 5V Supply Voltages
• ±2kV HBM ESD Protection
● Scalable 13.56MHz Analog Front-End Provides
Support for Multiple Antenna Configurations
• Single- or Double-Antenna Driver Using On-Off
Keying (OOK) Modulation
• User-Selectable ASK Uplink Modulations Index
Adjustable from 7% to 30%
• High-Output RF Power of up to 200mW
• Multiple Receiver Inputs for High-Communication
Reliability
• Built-In Receiver Lowpass-Filter Cutoff Frequencies
Selectable Between 400kHz and 1MHz
• Selectable Built-In Receiver Highpass-Filter Cutoff
Frequency: 100kHz, 200kHz, and 300kHz
• Selectable Receive Gain from 0dB up to 40dB
• Multiple Subcarrier Receiving Compatibility
• (212kHz and 424kHz)
● Antenna Short-Circuit Protection Enhances System
Ruggedness

Applications
● Secure Access Control
● Asset-Tracking Readers
● Authentication of Consumables
• Readers in Printers (Ink Cartridge)
• Blood Glucose Meters/Monitors
● Handheld Reader Modules




Similar Part No. - MAX66301ETN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6630 MAXIM-MAX6630 Datasheet
152Kb / 8P
12-Bit Sign Digital Temperature Sensors with Serial Interface
Rev 1; 7/01
MAX66300 MAXIM-MAX66300 Datasheet
5Mb / 26P
Protected Tag Solution with Peripheral Linking
Rev 1; 8/16
MAX66300EVKIT MAXIM-MAX66300EVKIT Datasheet
5Mb / 26P
Protected Tag Solution with Peripheral Linking
Rev 1; 8/16
MAX6630MTT+ MAXIM-MAX6630MTT+ Datasheet
162Kb / 8P
12-Bit Sign Digital Temperature Sensors with Serial Interface
Rev 4; 5/10
MAX6630MTT+ MAXIM-MAX6630MTT+ Datasheet
859Kb / 8P
12-Bit Sign Digital Temperature Sensors with Serial Interface
2016
More results


Similar Description - MAX66301ETN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2465 MAXIM-DS2465_13 Datasheet
2Mb / 30P
DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
Rev 2; 1/13
DS28E36EVKIT MAXIM-DS28E36EVKIT Datasheet
3Mb / 13P
DeepCover Secure Authenticator
Rev 0; 12/17
DS28E50 MAXIM-DS28E50 Datasheet
446Kb / 17P
DeepCover Secure SHA-3 Authenticator with ChipDNA PUF Protection
Rev 1; 9/18
DS28EL22 MAXIM-DS28EL22 Datasheet
338Kb / 5P
DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
Rev 1; 3/21
DS1964S MAXIM-DS1964S Datasheet
599Kb / 13P
DeepCover Secure Authenticator iButton with SHA-256
Rev 0; 6/18
MAX66240 MAXIM-MAX66240 Datasheet
896Kb / 23P
DeepCover Secure Authenticator with ISO 15693, SHA-256, and 4Kb User EEPROM
Rev 5; 4/19
DS2465 MAXIM-DS2465_V01 Datasheet
2Mb / 30P
DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
219-0017; Rev 3; 9/13
DS28C36 MAXIM-DS28C36_V01 Datasheet
313Kb / 7P
DeepCover Secure Authenticator
19-8564; Rev 3; 12/20
DS28E36 MAXIM-DS28E36_V01 Datasheet
447Kb / 17P
DeepCover Secure Authenticator
19-100170; Rev 3; 3/20
DS28EL22 MAXIM-DS28EL22_V01 Datasheet
333Kb / 5P
DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
219-0023; Rev 2; 5/21
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com