Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6630 Datasheet (PDF) - Maxim Integrated Products

MAX6630 Datasheet PDF - Maxim Integrated Products
Part # MAX6630
Download  MAX6630 Download
File Size   152.32 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 12-Bit Sign Digital Temperature Sensors with Serial Interface

MAX6630 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6630 Datasheet PDF - Maxim Integrated Products

Part # MAX6630
Download  MAX6630 Click to download

File Size   152.32 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 12-Bit Sign Digital Temperature Sensors with Serial Interface

MAX6630 Datasheet (HTML) - Maxim Integrated Products


MAX6630 Product details

General Description
The MAX6629–MAX6632 are local digital temperature sensors with an SPI™-compatible serial interface. The temperature is converted to a 12-bit + sign word with a resolution of 0.0625°C/LSB. An extended temperature range provides useful readings up to +150°C.

Features
♦ Low Power Consumption
   32µA typ (MAX6631/MAX6632)
   200µA typ (MAX6629/MAX6630)
♦ 12-Bit + Sign Resolution with 0.0625°C/LSB
♦ Accuracy
   ±1°C (max) from 0°C to +70°C
♦ +150°C Extended Temperature Range
♦ SPI-Compatible Serial Interface
♦ +3.0V to +5.5V Supply Range
♦ 6-Pin TDFN and SOT23 Packages
♦ Lead-Free Version Available (TDFN Package)

Applications
   Cellular
   Hard Disk Drive
   HVAC
   Automotive
   Industrial Control Systems




Similar Part No. - MAX6630

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX66300 MAXIM-MAX66300 Datasheet
5Mb / 26P
Protected Tag Solution with Peripheral Linking
Rev 1; 8/16
MAX66300EVKIT MAXIM-MAX66300EVKIT Datasheet
5Mb / 26P
Protected Tag Solution with Peripheral Linking
Rev 1; 8/16
logo
Analog Devices
MAX66301 AD-MAX66301 Datasheet
438Kb / 21P
DeepCover Secure Authenticator with SHA-3 and RFID Reader
Rev 0; 6/22
MAX66301-25XEVKIT AD-MAX66301-25XEVKIT Datasheet
438Kb / 21P
DeepCover Secure Authenticator with SHA-3 and RFID Reader
Rev 0; 6/22
MAX66301ETN+ AD-MAX66301ETN+ Datasheet
438Kb / 21P
DeepCover Secure Authenticator with SHA-3 and RFID Reader
Rev 0; 6/22
More results


Similar Description - MAX6630

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM76 NSC-LM76 Datasheet
311Kb / 15P
짹0.5째C, 짹1째C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Maxim Integrated Produc...
MAX6625 MAXIM-MAX6625 Datasheet
1Mb / 13P
9-Bit/12-Bit Temperature Sensors with I2C-Compatible Serial Interface in a SOT23
Rev 2; 7/02
MAX6626 MAXIM-MAX6626 Datasheet
1Mb / 13P
9-Bit/12-Bit Temperature Sensors with I2C-Compatible Serial Interface in a SOT23
Rev 2; 7/02
MAX6633 MAXIM-MAX6633 Datasheet
210Kb / 16P
12-Bit Plus Sign Temperature Sensors with SMBus/I2C-Compatible Serial Interface
Rev 0; 8/01
MAX6662 MAXIM-MAX6662 Datasheet
133Kb / 9P
12-Bit Sign Temperature Sensor with SPI-Compatible Serial Interface
Rev 0; 7/01
MAX6629 MAXIM-MAX6629_10 Datasheet
162Kb / 8P
12-Bit Sign Digital Temperature Sensors with Serial Interface
Rev 4; 5/10
MAX6625 MAXIM-MAX6625_V01 Datasheet
1Mb / 14P
9-Bit/12-Bit Temperature Sensors with I2C-Compatible Serial Interface in a SOT23
2019
MAX6629 MAXIM-MAX6629_V01 Datasheet
859Kb / 8P
12-Bit Sign Digital Temperature Sensors with Serial Interface
2016
MAX6633 MAXIM-MAX6633_V01 Datasheet
1Mb / 16P
12-Bit Plus Sign Temperature Sensors with SMBus/I2C-Compatible Serial Interface
2014
MAX6662 MAXIM-MAX6662_V01 Datasheet
765Kb / 9P
12-Bit Sign Temperature Sensor with SPI-Compatible Serial Interface
2021
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com