Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT4295 Datasheet (PDF) - Advanced Analogic Technologies

AAT4295 Datasheet PDF - Advanced Analogic Technologies
Part # AAT4295
Download  AAT4295 Download
File Size   236.92 Kbytes
Page   16 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description Single/Dual RGB Controller

AAT4295 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT4295 Datasheet PDF - Advanced Analogic Technologies

Part # AAT4295
Download  AAT4295 Click to download

File Size   236.92 Kbytes
Page   16 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description Single/Dual RGB Controller

AAT4295 Datasheet (HTML) - Advanced Analogic Technologies


AAT4295 Product details

General Description
The AAT4295/97 SmartSwitch is a member of AnalogicTechs Application Specific Power MOSFET™ (ASPM™) product family. The AAT4295/97 is comprised of three/six low-side N-channel MOSFET switches that gate an applied load to ground. This device is intended for controlling RGB fashion lighting in portable products; it can also be used for a combination of general purposes where a load requires a low-side switch connection to ground. The AAT4295/97 simplifies design and layout limitations by eliminating the need for multiple GPIO control lines and discrete MOSFETs to control product features.

Features
• Input Voltage Range: 1.8V to 5.5V
• Independent Low-Side N-Channel MOSFET Switches:
    — AAT4295: Three Channels
    — AAT4297: Six Channels
• User-Programmable S2Cwire Interface
• Single GPIO Controls State of Each MOSFET
• Low Quiescent Current: 3µA Typical
• Temperature Range: -40°C to +85°C
• No External Components Required
• Available in Pb-Free Packages
    — AAT4295 in 8-Pin SC70JW
    — AAT4297 in 12-Pin TSOPJW

Applications
• Cell Phones
• Multiple Low Power Switching
• Personal Communication Devices
• Portable Electronic Devices




Similar Part No. - AAT4295

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT4295 SKYWORKS-AAT4295 Datasheet
2Mb / 20P
Single/Dual RGB Controller
March 11, 2013
AAT4295IJS-T1 SKYWORKS-AAT4295IJS-T1 Datasheet
2Mb / 20P
Single/Dual RGB Controller
March 11, 2013
More results


Similar Description - AAT4295

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3128 ANALOGICTECH-AAT3128 Datasheet
630Kb / 13P
RGB LED Fashion Lighting Controller
AAT3128 ANALOGICTECH-AAT3128_08 Datasheet
657Kb / 12P
RGB LED Fashion Lighting Controller
logo
Ningbo Foryard Optoelec...
FY-V300-DC12V FORYARD-FY-V300-DC12V Datasheet
207Kb / 5P
Wired RGB Controller
logo
List of Unclassifed Man...
5012MINIRGBCONTROLLER ETC2-5012MINIRGBCONTROLLER Datasheet
201Kb / 1P
Mini RGB controller is a strip controller.
logo
OptoSupply Internationa...
OS-OC013AIG2 OPTOSUPPLY-OS-OC013AIG2 Datasheet
882Kb / 2P
PRODUCT SPECIFICATION FOR RGB Controller
OSUBECX OPTOSUPPLY-OSUBECX Datasheet
45Kb / 2P
Memory RGB controller
logo
SiGe Semiconductor, Inc...
AATIAN79 SIGE-AATIAN79 Datasheet
239Kb / 4P
Single RGB Controller
AATIAN81 SIGE-AATIAN81 Datasheet
226Kb / 4P
Dual RGB Controller
logo
Melexis Microelectronic...
MLX81112 MELEXIS-MLX81112 Datasheet
1Mb / 14P
Single Channel LIN RGB Controller Gen 2
MLX81109 MELEXIS-MLX81109 Datasheet
377Kb / 6P
Mini LIN/LIN RGB Slave Controller
More results




About Advanced Analogic Technologies


Advanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power manageAdvanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power management and high-performance analog integrated circuits (ICs).
The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices.
AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.ment and high-performance analog integrated circuits (ICs). The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices. AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com