Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2822HC Datasheet (PDF) - Eaton All Rights Reserved.

2822HC Datasheet PDF - Eaton All Rights Reserved.
Part # 2822HC
Download  2822HC Download
File Size   1787.03 Kbytes
Page   6 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description High current surface mount Brick fuse

2822HC Datasheet (PDF)

Go To PDF Page Download Datasheet
2822HC Datasheet PDF - Eaton All Rights Reserved.

Part # 2822HC
Download  2822HC Click to download

File Size   1787.03 Kbytes
Page   6 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description High current surface mount Brick fuse

2822HC Datasheet (HTML) - Eaton All Rights Reserved.


2822HC Product details

Product features
• 7.7 x 6.0 x 4.3 mm surface mount package
• High current Brick fuse
• Current rating: 40 A to 125 A
• Voltage rating: Up to 80 Vdc
• High interrupting rating
• cURus recognized
• Single fuse solution for high
current applications
• Moisture sensitivity level: (MSL): 1

Applications
• Servers and back planes
• Power distribution units (PDUs)
• Power supplies
• Energy storage system
• Industrial automation tools
• Robotic machinery
• Telecom DC/DC power
• Routers & switches




Similar Part No. - 2822HC

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2822 KR-2822 Datasheet
50Kb / 2P
184.14 MHz surface mount bandpass filter
logo
Heyco.
2822 HEYCO-2822 Datasheet
102Kb / 1P
Shorty Bushings
logo
PHOENIX CONTACT
2822011 PHOENIX-2822011 Datasheet
77Kb / 4P
Relay connectors - ST-REL3-SG 24/21
2822024 PHOENIX-2822024 Datasheet
77Kb / 4P
Relay connectors - ST-REL3-SG 60/21
2822037 PHOENIX-2822037 Datasheet
77Kb / 4P
Relay connectors - ST-REL3-SG110/21
More results


Similar Description - 2822HC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1206SFH MACOM-1206SFH Datasheet
123Kb / 3P
Surface Mount Fuse High Current
logo
Schurter Inc.
0001.2706.11 SCHURTER-0001.2706.11 Datasheet
457Kb / 3P
Surface Mount Fuse
logo
NIC-Components Corp.
NFCC-NFHC NIC-NFCC-NFHC Datasheet
102Kb / 5P
Surface Mount Fuse
NFSC NIC-NFSC Datasheet
95Kb / 3P
Surface Mount Fuse
NFVC-H NIC-NFVC-H Datasheet
102Kb / 4P
Surface Mount Fuse
logo
List of Unclassifed Man...
CT06V5TR20 ETC-CT06V5TR20 Datasheet
356Kb / 6P
Surface Mount Fuse
logo
NIC-Components Corp.
NFCC_NFHC NIC-NFCC_NFHC Datasheet
96Kb / 5P
Surface Mount Fuse
logo
Bel Fuse Inc.
0ACH-9600-XX BEL-0ACH-9600-XX Datasheet
586Kb / 3P
Type 0ACH Fast Acting High Current Brick Fuse
logo
Eaton All Rights Reserv...
2410FA EATON-2410FA Datasheet
1Mb / 7P
High current fast-acting SMT Brick fuse
May 2022
2410TD EATON-2410TD Datasheet
1Mb / 6P
High current time-delay SMT Brick fuse
May 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com