Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCLAMP3602P Datasheet (PDF) - Semtech Corporation

TCLAMP3602P Datasheet PDF - Semtech Corporation
Part # TCLAMP3602P
Download  TCLAMP3602P Download
File Size   628.92 Kbytes
Page   7 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low Capacitance TClamp® Surge Protection for 36V Interfaces

TCLAMP3602P Datasheet (PDF)

Go To PDF Page Download Datasheet
TCLAMP3602P Datasheet PDF - Semtech Corporation

Part # TCLAMP3602P
Download  TCLAMP3602P Click to download

File Size   628.92 Kbytes
Page   7 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low Capacitance TClamp® Surge Protection for 36V Interfaces

TCLAMP3602P Datasheet (HTML) - Semtech Corporation


TCLAMP3602P Product details

Description
TClamp®3602P provides dedicated surge and ESD
protection for RS-485 and other 36V lines in industrial
applications. It features high surge current capability
of 30A (tp=8/20μs) and low clamping voltage making
them ideal for use in harsh transient environments.
This device is designed to replace multiple discrete
components by integrating low capacitance, surge rated
compensation diodes with a high power transient
voltage suppressor (TVS). Capacitance is limited to
4pF maximum to ensure correct signal transmission
on high-speed lines. Each TClamp3602P may be used
to protect up to two lines.
The TClamp3602P is in a 5-pin SLF2010N5 package,
measuring 2.0 x 1.0mm with a nominal height of
0.55mm. The flow-through package design simplifies
PCB layout.

Features
• High ESD withstand Voltage: +/-30kV (Contact and
Air) per IEC 61000-4-2
• Protects up to two lines
• Low capacitance: 4pF Maximum
• Operating voltage: 36V
• Low leakage current
• Solid-state silicon-avalanche technology

Applications
• RS-485 Surge Protection
• RS-422 Surge Protection
• Industrial Equipment
• Remote Meter Readers
• Automatic Teller Machines
• Digital Surveillance Cameras
• CAN-bus




Similar Part No. - TCLAMP3602P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TCLAMP3302N SEMTECH-TCLAMP3302N Datasheet
243Kb / 9P
Low Capacitance TVS for Ethernet and Telecom Interfaces
TCLAMP3302N.TCT SEMTECH-TCLAMP3302N.TCT Datasheet
243Kb / 9P
Low Capacitance TVS for Ethernet and Telecom Interfaces
TCLAMP3312N SEMTECH-TCLAMP3312N Datasheet
684Kb / 8P
Low Capacitance TransClamp Surge Protection for Ethernet Interfaces
TCLAMP3312N.TCT SEMTECH-TCLAMP3312N.TCT Datasheet
684Kb / 8P
Low Capacitance TransClamp Surge Protection for Ethernet Interfaces
More results


Similar Description - TCLAMP3602P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP1255P SEMTECH-RCLAMP1255P Datasheet
267Kb / 10P
Low Capacitance RClamp Surge Protection for uUSB Interfaces
TCLAMP1202P SEMTECH-TCLAMP1202P Datasheet
231Kb / 7P
Low Capacitance TClamp Surge Protection for 12V Interfaces
TCLAMP1272S SEMTECH-TCLAMP1272S Datasheet
782Kb / 7P
Low Capacitance TClamp Surge Protection for xDSL Interfaces
TCLAMP2512N SEMTECH-TCLAMP2512N Datasheet
684Kb / 8P
Low Capacitance TransClamp Surge Protection for Ethernet Interfaces
logo
Rectron Semiconductor
TEP2201-33LC RECTRON-TEP2201-33LC Datasheet
755Kb / 6P
Low Capacitance ESD/Surge Protection for Gigabit Ethernet Interfaces
logo
Semtech Corporation
RCLAMP2654P SEMTECH-RCLAMP2654P Datasheet
284Kb / 9P
Low Capacitance RClamp짰 Surge Protection for USB Interfaces
RCLAMP2656P SEMTECH-RCLAMP2656P Datasheet
327Kb / 10P
Low Capacitance RClamp짰 Surge Protection for uUSB Interfaces
TCLAMP0882S SEMTECH-TCLAMP0882S Datasheet
4Mb / 12P
Low Capacitance TransClamp® Surge Protection for DSL and G.Fast Interfaces
Rev 2.0 August 9, 2016
logo
TECH PUBLIC Electronics...
RCLAMP2656P TECHPUBLIC-RCLAMP2656P Datasheet
1Mb / 5P
Low Capacitance Surge Protection for USB Interfaces
TPRCLAMP2656P TECHPUBLIC-TPRCLAMP2656P Datasheet
1Mb / 5P
Low Capacitance Surge Protection for USB Interfaces
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com