Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTRVF2.4LP Datasheet (PDF) - AUREL S.p.A.

XTRVF2.4LP Datasheet PDF - AUREL S.p.A.
Part # XTRVF2.4LP
Download  XTRVF2.4LP Download
File Size   138.99 Kbytes
Page   2 Pages
Manufacturer  AUREL [AUREL S.p.A.]
Direct Link  https://www.aurelwireless.com/
Logo AUREL - AUREL S.p.A.
Description XTR VF 2.4 LP Very Fast Low Power Multichannel Transceiver

XTRVF2.4LP Datasheet (PDF)

Go To PDF Page Download Datasheet
XTRVF2.4LP Datasheet PDF - AUREL S.p.A.

Part # XTRVF2.4LP
Download  XTRVF2.4LP Click to download

File Size   138.99 Kbytes
Page   2 Pages
Manufacturer  AUREL [AUREL S.p.A.]
Direct Link  https://www.aurelwireless.com/
Logo AUREL - AUREL S.p.A.
Description XTR VF 2.4 LP Very Fast Low Power Multichannel Transceiver

XTRVF2.4LP Datasheet (HTML) - AUREL S.p.A.


XTRVF2.4LP Product details

Description
XTR VF 2.4 LP transceiver, pin to pin compatible with Aurel module XTR CYP 2.4GHz and Cypress module CYWM6935
LR 2.4GHz DSSS Radio SoC, represents an extension suitable for data transfer at 1Mbit/sec (from 64Kbit/sec available
from previously available modules), with reduced current consumption and wide supply voltage range (from 1.8 to 3.6V),
as supplied with an internal switching power supply with programmable start threshold. Due to the high transmission
speed, with short burst to send data packet and with the increased supply voltage range, the module is ideally suitable for
battery operated applications. It operates in the License Free Industrial, Scientific and Medical (ISM) band at 2.4GHz and
it offers a complete radio module solution for integration into existing or new 2.4GHz products. It uses a DSSS (Direct
Sequence Spread Spectrum) technique that allows operation in disturbed environments and that reduces the
interference caused by traditional narrowband signals. This technique also allows coexistence with Bluetooth and Wi-Fi
as well as all other wireless technologies that utilize the 2.4GHz ISM Band. Radio transceiver embeds a PIFA (Planar
Inverted F Antenna) and can be connected to a microcontroller and one or more external devices via SPI Interface. This
last facility makes possible full transceiver programmability: in particular, possibility is given to set RF channel, data
transmission speed and RF radiated power level. RF channels available are 98 (1 MHz wide channels, from 2.400 to
2.497GHz), available, for usage compliant to national requirements, in the ISM band of 2.400 to 2.4835GHz Band.
Transmission range is selectable from 16Kbit/sec to 250Kbit/sec according to the used spreading code. It can be
increased to 1Mbit/sec if spread spectrum technique is not used.
At lower speeds, the Aurel XTR VF 2.4 LP module is radio compatible with Aurel XTR CYP 2.4GHz.
Improved capabilities are available. For example, automating packet framing is available to insert number of bytes detail
and CRC error control code. ACK packet can be automatically retransmitted.




Similar Part No. - XTRVF2.4LP

ManufacturerPart #DatasheetDescription
logo
ABB
XTR ABB-XTR Datasheet
122Kb / 2P
LED 2W M3 DAYLITE WHT/OPL SLFTST
logo
Mean Well Enterprises C...
XTR-240 MEANWELL-XTR-240 Datasheet
960Kb / 10P
240W AC/DC 3 Input Ultra Slim Industrial DIN Rail Power
2026-01-07
XTR-240-12 MEANWELL-XTR-240-12 Datasheet
960Kb / 10P
240W AC/DC 3 Input Ultra Slim Industrial DIN Rail Power
2026-01-07
XTR-240-24 MEANWELL-XTR-240-24 Datasheet
960Kb / 10P
240W AC/DC 3 Input Ultra Slim Industrial DIN Rail Power
2026-01-07
XTR-240-36 MEANWELL-XTR-240-36 Datasheet
960Kb / 10P
240W AC/DC 3 Input Ultra Slim Industrial DIN Rail Power
2026-01-07
More results


Similar Description - XTRVF2.4LP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13190 MOTOROLA-MC13190 Datasheet
505Kb / 15P
2.4 GHz Short-Range, Low-Power Transceiver
logo
Texas Instruments
CC2400 TI-CC2400 Datasheet
955Kb / 84P
2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400_07 Datasheet
862Kb / 83P
2.4 GHz Low-Power RF Transceiver
logo
ATMEL Corporation
AT86RF231-ZU ATMEL-AT86RF231-ZU_09 Datasheet
4Mb / 198P
Low Power 2.4 GHz Transceiver for ZigBee
logo
Texas Instruments
CC2500 TI-CC2500_11 Datasheet
2Mb / 96P
Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
2.4 GHz Low-Power RF Transceiver
CC2500RGPR TI1-CC2500RGPR Datasheet
2Mb / 99P
Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2400 TI1-CC2400_08 Datasheet
756Kb / 84P
2.4 GHz Low-Power RF Transceiver
logo
AUREL S.p.A.
650201476G AUREL-650201476G Datasheet
118Kb / 1P
Long Range & Low Power 2.4 GHz Multichannel Transceiver
07.07.2021
650201516G AUREL-650201516G Datasheet
1Mb / 1P
Long Range & Low Power 2.4 GHz Multichannel Transceiver
18.02.2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com