Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA58MS00F Datasheet (PDF) - Toshiba Semiconductor

TA58MS00F Datasheet PDF - Toshiba Semiconductor
Part # TA58MS00F
Download  TA58MS00F Download
File Size   218.47 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 500-mA Adjustable-Output Voltage Regulator with On/Off Switch

TA58MS00F Datasheet (PDF)

Go To PDF Page Download Datasheet
TA58MS00F Datasheet PDF - Toshiba Semiconductor

Part # TA58MS00F
Download  TA58MS00F Click to download

File Size   218.47 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 500-mA Adjustable-Output Voltage Regulator with On/Off Switch

TA58MS00F Datasheet (HTML) - Toshiba Semiconductor


TA58MS00F Product details

Features
• Active-High on/off switch
• Up to 500-mA output current
• Output voltage (VOUT) adjustable from 2.475 V to 24 V
• Reference voltage accuracy: VREF ± 3.0% (@Tj = 25°C)
• Low quiescent current: 2.2 mA typ. (@VIN = 4.5 V, IOUT = 0 A)
• Low standby current (Off mode): 1.0 μA (max)
• Overcurrent protection / thermal shutdown / 60-V load dump protection / overvoltage protection
• Package: 5-pin New PW-Mold (surface-mount)




Similar Part No. - TA58MS00F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA58MS05F TOSHIBA-TA58MS05F Datasheet
209Kb / 9P
500 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
More results


Similar Description - TA58MS00F

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
ON Semiconductor
LM317M ONSEMI-LM317M_06 Datasheet
159Kb / 13P
500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
logo
TOKO, Inc
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Toshiba Semiconductor
TA58MS05F TOSHIBA-TA58MS05F Datasheet
209Kb / 9P
500 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
logo
ON Semiconductor
LM317M ONSEMI-LM317M_11 Datasheet
232Kb / 14P
500 mA Adjustable Output, Positive Voltage Regulator
September, 2011 ??Rev. 21
LM317M ONSEMI-LM317M_14 Datasheet
141Kb / 14P
500 mA Adjustable Output Positive Voltage Regulator
August, 2014 ??Rev. 24
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com