Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BS170P Datasheet (PDF) - Diodes Incorporated

BS170P Datasheet PDF - Diodes Incorporated
Part # BS170P
Download  BS170P Download
File Size   626.5 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V N-CHANNEL ENHANCEMENT MODE VERTICAL DMOSFET

BS170P Datasheet (PDF)

Go To PDF Page Download Datasheet
BS170P Datasheet PDF - Diodes Incorporated

Part # BS170P
Download  BS170P Click to download

File Size   626.5 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V N-CHANNEL ENHANCEMENT MODE VERTICAL DMOSFET

BS170P Datasheet (HTML) - Diodes Incorporated


BS170P Product details

Features
BVDSS > 60V
RDS(ON) ≤ 5Ω @ VGS= 10V
ID = 270mA Maximum Continuous Drain Current
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - BS170P

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BS170P ZETEX-BS170P Datasheet
22Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Similar Description - BS170P

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZVN4106FTA DIODES-ZVN4106FTA Datasheet
327Kb / 6P
60V N-CHANNEL ENHANCEMENT MODE VERTICAL DMOSFET IN SOT23
Rev 3
BS107P DIODES-BS107P_15 Datasheet
658Kb / 5P
200V N-CHANNEL ENHANCEMENT MODE VERTICAL DMOSFET
Rev 3
VN10LP DIODES-VN10LP_15 Datasheet
601Kb / 5P
60V N-CHANNEL ENHANCEMENT MODE VERTICAL DMOSFET
Rev 4
ZVN2106G DIODES-ZVN2106G_15 Datasheet
295Kb / 5P
60V N-CHANNEL ENHANCEMENT MODE VERTICAL MOSFET
Rev 4
ZVN4106F DIODES-ZVN4106F_15 Datasheet
327Kb / 6P
60V N-CHANNEL ENHANCEMENT MODE VERTICAL DMOSFET IN SOT23
Rev 3
ZVN4306G DIODES-ZVN4306G_15 Datasheet
455Kb / 5P
60V N-CHANNEL ENHANCEMENT MODE VERTICAL MOSFET
Rev 4
ZVP2106G DIODES-ZVP2106G_15 Datasheet
452Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE VERTICAL DMOSFET
Rev 5
ZVP2120G DIODES-ZVP2120G_15 Datasheet
379Kb / 6P
SOT223 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOSFET
Rev 4
logo
AiT Semiconductor Inc.
AM3460 AITSEMI-AM3460 Datasheet
270Kb / 4P
60V N-CHANNEL ENHANCEMENT MODE
REV1.1
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com