Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMC2991UDA Datasheet (PDF) - Diodes Incorporated

DMC2991UDA Datasheet PDF - Diodes Incorporated
Part # DMC2991UDA
Download  DMC2991UDA Download
File Size   563.29 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET

DMC2991UDA Datasheet (PDF)

Go To PDF Page Download Datasheet
DMC2991UDA Datasheet PDF - Diodes Incorporated

Part # DMC2991UDA
Download  DMC2991UDA Click to download

File Size   563.29 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET

DMC2991UDA Datasheet (HTML) - Diodes Incorporated


DMC2991UDA Product details

Features
Low On-Resistance
Very Low Gate Threshold Voltage
N-Channel: 1.0V Max
P-Channel: -1.0V Max
Low Input Capacitance
Fast Switching Speed
Ultra-Small Surface Mount Package 0.8mm  0.6mm
ESD Protected Gate
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change control




Similar Part No. - DMC2991UDA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC2991UDJ DIODES-DMC2991UDJ Datasheet
886Kb / 10P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
April 2022
DMC2991UDJ-7 DIODES-DMC2991UDJ-7 Datasheet
886Kb / 10P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
April 2022
DMC2991UDJ-7B DIODES-DMC2991UDJ-7B Datasheet
886Kb / 10P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
April 2022
DMC2991UDR4 DIODES-DMC2991UDR4 Datasheet
781Kb / 12P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
October 2022 Rev. 4 - 2
DMC2991UDR4-7 DIODES-DMC2991UDR4-7 Datasheet
781Kb / 12P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
October 2022 Rev. 4 - 2
More results


Similar Description - DMC2991UDA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 1
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 3
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 3
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 3
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 6
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 1
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 2
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 2
DMC2041UFDB DIODES-DMC2041UFDB Datasheet
659Kb / 10P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
February 2020
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com