Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VDP12412 Datasheet (PDF) - Diodes Incorporated

PI3VDP12412 Datasheet PDF - Diodes Incorporated
Part # PI3VDP12412
Download  PI3VDP12412 Download
File Size   926.34 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4-Lane DisplayPort™ Rev 1.2 Compliant Switch

PI3VDP12412 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3VDP12412 Datasheet PDF - Diodes Incorporated

Part # PI3VDP12412
Download  PI3VDP12412 Click to download

File Size   926.34 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4-Lane DisplayPort™ Rev 1.2 Compliant Switch

PI3VDP12412 Datasheet (HTML) - Diodes Incorporated


PI3VDP12412 Product details

Features
ÎÎ4-lane, 1:2 mux/demux that will support RBR, HBR1, or
HBR2
ÎÎ1-channel 1:2 mux/demux for DP_HPD signal
ÎÎ1-differential channel 1:2 mux/demux for DP_Aux signal
with support up to 720Mbps
ÎÎ-1.6dB Insertion Loss for Dx channels @ 2.7 GHz (TQFN)
ÎÎ-3dB Bandwidth for Dx channels: 4.6GHz (TQFN)
ÎÎReturn loss for Dx channels @ 2.7GHz: -16dB (TQFN)
ÎÎLow Bit-to-Bit Skew , 5ps typ (between '+' and '-' bits)
ÎÎLow Crosstalk for high speed channels: -28dB@5.4 Gbps
ÎÎLow Off Isolation for high speed channels: -22dB@5.4 Gbps
ÎÎVDD Operating Range: 3.3V +/-10%
ÎÎESD Tolerance: 2kV HBM
ÎÎLow channel-to-channel skew, 35ps max
ÎÎPackaging (Pb-free & Green):
àà 42 TQFN (ZHE)
àà 48 BGA (NEE)




Similar Part No. - PI3VDP12412

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3VDP12412 PERICOM-PI3VDP12412 Datasheet
1Mb / 20P
HDMI 1.4b 1:2 Splitter/Demux for 3.4Gbps Data Rate with Equalization & Pre-emphasis
PI3VDP12412 PERICOM-PI3VDP12412 Datasheet
927Kb / 12P
4-Lane DisplayPort Rev 1.2 Compliant Switch
PI3VDP12412NEE PERICOM-PI3VDP12412NEE Datasheet
927Kb / 12P
4-Lane DisplayPort Rev 1.2 Compliant Switch
PI3VDP12412ZHE PERICOM-PI3VDP12412ZHE Datasheet
927Kb / 12P
4-Lane DisplayPort Rev 1.2 Compliant Switch
More results


Similar Description - PI3VDP12412

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
QLX4270-DP INTERSIL-QLX4270-DP Datasheet
184Kb / 7P
DisplayPort Lane Extender
November 19, 2009
QLX4270-DP INTERSIL-QLX4270-DP_10 Datasheet
246Kb / 7P
DisplayPort Lane Extender
logo
Pericom Semiconductor C...
PI3VDP612-A PERICOM-PI3VDP612-A Datasheet
91Kb / 2P
4-Lane DisplayPort Rev 1.1a Compliant Switch with Triple Control Logic for Fast Switching
PI3VDP612-A PERICOM-PI3VDP612-A_11 Datasheet
1Mb / 16P
4-Lane DisplayPort Rev 1.1a Compliant Switch with Triple Control Logic for Fast Switching
PI3VDP3212 PERICOM-PI3VDP3212 Datasheet
1Mb / 12P
2-Lane DisplayPort Rev 1.2 Compliant Switch
PI3VDP12412 PERICOM-PI3VDP12412 Datasheet
927Kb / 12P
4-Lane DisplayPort Rev 1.2 Compliant Switch
PI3WVR12412 PERICOM-PI3WVR12412 Datasheet
1Mb / 13P
HDMI 2.0, DisplayPort 1.2 Video Switch
PI3WVR12612 PERICOM-PI3WVR12612 Datasheet
2Mb / 13P
HDMI 2.0, DisplayPort 1.2 Video Switch
logo
Renesas Technology Corp
QLX4270-DP RENESAS-QLX4270-DP Datasheet
390Kb / 7P
DisplayPort Lane Extender
logo
NXP Semiconductors
PTN3816 NXP-PTN3816 Datasheet
533Kb / 33P
DisplayPort 20Gbps 4-lane linear redriver
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com