Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3WVR31310A Datasheet (PDF) - Diodes Incorporated

PI3WVR31310A Datasheet PDF - Diodes Incorporated
Part # PI3WVR31310A
Download  PI3WVR31310A Download
File Size   1473.11 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DP/HDMI 1:3 De-mux/Mux Switches

PI3WVR31310A Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3WVR31310A Datasheet PDF - Diodes Incorporated

Part # PI3WVR31310A
Download  PI3WVR31310A Click to download

File Size   1473.11 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DP/HDMI 1:3 De-mux/Mux Switches

PI3WVR31310A Datasheet (HTML) - Diodes Incorporated


PI3WVR31310A Product details

Features
ÎÎDP 1:3 De-Mux or 3:1 Mux switch with 4 high speed
differential, AUX/DDC, HPD and CAB_DET channels
ÎÎ Pin selection for 1:3 DEMUX or 3:1 MUX
ÎÎHDMI 3:1 Mux switch with 4 high speed differential, DDC
and HPD channels
ÎÎ HDMI-mode only supports HDMI-sink application, not
support HDMI-source application.
ÎÎ Pin selection for DP mode or HDMI mode
ÎÎ All ports support up to DP1.2 at 5.4Gb/s or HDMI 2.0 at
6Gb/s
ÎÎ Supports manual switching or HPD auto priority selection
in 1:3 DEMUX, in DP mode
ÎÎ Low current consumption
ÎÎ 3.3V power supply
ÎÎ ESD protection on all I/O pins for 2kV HBM
ÎÎ Package:
60 pin TQFN (5x9mm)




Similar Part No. - PI3WVR31310A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3WVR31310A PERICOM-PI3WVR31310A Datasheet
1Mb / 16P
DP/HDMI 1:3 De-mux/Mux switches
PI3WVR31310AZLE PERICOM-PI3WVR31310AZLE Datasheet
1Mb / 16P
DP/HDMI 1:3 De-mux/Mux switches
PI3WVR31310AZLEX PERICOM-PI3WVR31310AZLEX Datasheet
1Mb / 16P
DP/HDMI 1:3 De-mux/Mux switches
More results


Similar Description - PI3WVR31310A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E156 ONSEMI-MC10E156 Datasheet
106Kb / 4P
3-BIT 4:1 MUX-LATCH
1996 REV 3
logo
Micrel Semiconductor
SY10E256 MICREL-SY10E256 Datasheet
60Kb / 4P
3-BIT 4:1 MUX-LATCH
logo
ON Semiconductor
NLAS1053 ONSEMI-NLAS1053 Datasheet
123Kb / 12P
2:1 Mux/Demux Analog Switches
February, 2002 ??Rev. 0
NLAS1053 ONSEMI-NLAS1053_06 Datasheet
121Kb / 10P
2:1 Mux/Demux Analog Switches
May, 2006 ??Rev. 2
logo
Pericom Semiconductor C...
PI3WVR31212A PERICOM-PI3WVR31212A Datasheet
1Mb / 25P
DP/HDMI 1:2 De-multiplexer switches
PI3WVR31310A PERICOM-PI3WVR31310A Datasheet
1Mb / 16P
DP/HDMI 1:3 De-mux/Mux switches
PI3WVR31313A PERICOM-PI3WVR31313A Datasheet
1Mb / 27P
DP/HDMI 1:3 De-multiplexer switches
logo
ON Semiconductor
NLAS1053 ONSEMI-NLAS1053_15 Datasheet
113Kb / 10P
2:1 Mux/Demux Analog Switches
July, 2015 ??Rev. 3
logo
Diodes Incorporated
PI3DBS12212A DIODES-PI3DBS12212A Datasheet
501Kb / 1P
3.3V, 1-12Gbps 1-Lane 2:1 Mux/De-Mux Switch
PI3DBS16412 DIODES-PI3DBS16412 Datasheet
527Kb / 1P
3.3V, 1-20Gbps 2-Lane 2:1 Mux/De-Mux Switch
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com