Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXGD3006E6Q Datasheet (PDF) - Diodes Incorporated

ZXGD3006E6Q Datasheet PDF - Diodes Incorporated
Part # ZXGD3006E6Q
Download  ZXGD3006E6Q Download
File Size   768.57 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V 10A GATE DRIVER IN SOT26

ZXGD3006E6Q Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXGD3006E6Q Datasheet PDF - Diodes Incorporated

Part # ZXGD3006E6Q
Download  ZXGD3006E6Q Click to download

File Size   768.57 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V 10A GATE DRIVER IN SOT26

ZXGD3006E6Q Datasheet (HTML) - Diodes Incorporated


ZXGD3006E6Q Product details

Features
High-Gain Buffer with Typically 4A Output from 1mA Input
40V Supply for +20V to -18V gate driving to prevent dV/dt
induced false triggering
Emitter-Follower that is Rugged to Latch-Up / Shoot-Through
Issues, and Delivers <10ns Propagation Delay Time
Optimized Pin-Out to Simplify PCB Layout and Reduce
Parasitic Trace Inductances
Near-Zero Quiescent Supply Current
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)




Similar Part No. - ZXGD3006E6Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3006E6 DIODES-ZXGD3006E6 Datasheet
168Kb / 8P
40V 10A GATE DRIVER IN SOT26
Rev 1
ZXGD3006E6 DIODES-ZXGD3006E6 Datasheet
332Kb / 2P
High current 40V Gate Driver reduces IGBT switching losses
JUNE 2011
ZXGD3006E6TA DIODES-ZXGD3006E6TA Datasheet
168Kb / 8P
40V 10A GATE DRIVER IN SOT26
Rev 1
ZXGD3006E6 DIODES-ZXGD3006E6_15 Datasheet
270Kb / 8P
40V 10A GATE DRIVER IN SOT26
Rev 4
More results


Similar Description - ZXGD3006E6Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3005E6 DIODES-ZXGD3005E6 Datasheet
140Kb / 7P
10A (PEAK) GATE DRIVER IN SOT26
DS35095 Rev. 1 ??2
ZXGD3005E6 DIODES-ZXGD3005E6_11 Datasheet
189Kb / 8P
25V 10A GATE DRIVER IN SOT26
Rev 4
ZXGD3006E6 DIODES-ZXGD3006E6 Datasheet
168Kb / 8P
40V 10A GATE DRIVER IN SOT26
Rev 1
ZXGD3005E6 DIODES-ZXGD3005E6_15 Datasheet
189Kb / 8P
25V 10A GATE DRIVER IN SOT26
Rev 4
ZXGD3009E6 DIODES-ZXGD3009E6_15 Datasheet
251Kb / 8P
40V 2A GATE DRIVER IN SOT26
Rev 1
ZXGD3006E6 DIODES-ZXGD3006E6_15 Datasheet
270Kb / 8P
40V 10A GATE DRIVER IN SOT26
Rev 4
ZXGD3003E6Q DIODES-ZXGD3003E6Q Datasheet
885Kb / 8P
40V 5A GATE DRIVER IN SOT26
February 2020
ZXGD3009DY DIODES-ZXGD3009DY Datasheet
607Kb / 8P
40V 1A GATE DRIVER IN SOT363
April 2018
ZXGD3009E6 DIODES-ZXGD3009E6 Datasheet
435Kb / 8P
40V 1A GATE DRIVER IN SOT26
July 2018
ZXGD3004E6Q DIODES-ZXGD3004E6Q Datasheet
601Kb / 8P
40V 8A GATE DRIVER IN SOT26
March 2018
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com