Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOS615A Datasheet (PDF) - Vishay Siliconix

VOS615A Datasheet PDF - Vishay Siliconix
Part # VOS615A_V01
Download  VOS615A Download
File Size   156.14 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package

VOS615A Datasheet (PDF)

Go To PDF Page Download Datasheet
VOS615A Datasheet PDF - Vishay Siliconix

Part # VOS615A_V01
Download  VOS615A Click to download

File Size   156.14 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package

VOS615A Datasheet (HTML) - Vishay Siliconix


VOS615A Product details

DESCRIPTION
The VOS615A series has a GaAs infrared emitting diode
emitter, which is optically coupled to a silicon planar
phototransistor detector, and is incorporated in a 4-pin
50 mil lead pitch mini-flat package.
It features a high current transfer ratio at low input current,
low coupling capacitance, and high isolation voltage.
The coupling devices are designed for signal transmission
between two electrically separated circuits.

FEATURES
• High CTR with low input current
• Low profile package (half pitch)
• High collector emitter voltage, VCEO = 80 V
• Isolation test voltage = 3750 VRMS
• Low coupling capacitance
• High common mode transient immunity
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912

APPLICATIONS
• Telecom
• Industrial controls
• Battery powered equipment
• Office machines
• Programmable controllers

AGENCY APPROVALS
Safety application model number covering all products in
this datasheet is VOS615A. This model number should be
used when consulting safety agency documents.
• UL1577, file no. E52744
• cUL
• DIN EN 60747-5-5 (VDE 0884-5), available with option 1
• FIMKO EN 60065, EN 60950-1
• CQC GB4943.1-2011 and GB8898-2011 (suitable for
installation altitude below 2000 m)




Similar Part No. - VOS615A_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOS615A VISHAY-VOS615A_V02 Datasheet
156Kb / 9P
Optocoupler, Phototransistor Output, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
17-Apr-13
More results


Similar Description - VOS615A_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOS618A VISHAY-VOS618A Datasheet
155Kb / 9P
Optocoupler, Phototransistor Output, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
14-Jan-13
VOS615A-3X001T VISHAY-VOS615A-3X001T Datasheet
154Kb / 9P
Optocoupler, Phototransistor Output, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
17-Apr-13
VOS628A VISHAY-VOS628A Datasheet
122Kb / 6P
Optocoupler, Phototransistor Output, AC Input, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
27-Oct-11
VOS615A VISHAY-VOS615A Datasheet
158Kb / 9P
Optocoupler, Phototransistor Output, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
17-Apr-13
VOS618A VISHAY-VOS618A_15 Datasheet
168Kb / 9P
Optocoupler, Phototransistor Output, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
13-Mar-15
VOS628A VISHAY-VOS628A_14 Datasheet
159Kb / 9P
Optocoupler, Phototransistor Output, AC Input, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
08-Jan-14
VOS618A VISHAY-VOS618A_V01 Datasheet
165Kb / 9P
Optocoupler, Phototransistor Output, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
13-Mar-15
VOS615A VISHAY-VOS615A_V02 Datasheet
156Kb / 9P
Optocoupler, Phototransistor Output, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
17-Apr-13
VOS618A VISHAY-VOS618A_V02 Datasheet
165Kb / 9P
Optocoupler, Phototransistor Output, Low Input Current,SSOP-4, Half Pitch, Mini-Flat Package
13-Mar-15
VOS628A VISHAY-VOS628A_V02 Datasheet
157Kb / 9P
Optocoupler, Phototransistor Output, AC Input, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
08-Jan-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com