Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

650200847 Datasheet (PDF) - AUREL S.p.A.

650200847 Datasheet PDF - AUREL S.p.A.
Part # 650200847
Download  650200847 Download
File Size   88.67 Kbytes
Page   2 Pages
Manufacturer  AUREL [AUREL S.p.A.]
Direct Link  https://www.aurelwireless.com/
Logo AUREL - AUREL S.p.A.
Description 868.3 MHz AM (OOK) transmitters with dedicated antenna

650200847 Datasheet (PDF)

Go To PDF Page Download Datasheet
650200847 Datasheet PDF - AUREL S.p.A.

Part # 650200847
Download  650200847 Click to download

File Size   88.67 Kbytes
Page   2 Pages
Manufacturer  AUREL [AUREL S.p.A.]
Direct Link  https://www.aurelwireless.com/
Logo AUREL - AUREL S.p.A.
Description 868.3 MHz AM (OOK) transmitters with dedicated antenna

650200847 Datasheet (HTML) - AUREL S.p.A.


650200847 Product details

Description
SAW transmitters module with dedicated loop antenna ideal for
applications where it is required maximum irradiated power and
minimal space occupation.
In compliance with European Normative




Similar Part No. - 650200847

ManufacturerPart #DatasheetDescription
logo
AUREL S.p.A.
650200819G AUREL-650200819G Datasheet
91Kb / 2P
434 Mhz AM (OOK) transmitters with helical antenna
650200828G AUREL-650200828G Datasheet
413Kb / 1P
434 MHz 2/4/6 Chs keyfob transmitters WITH KEELOQ HCS 301 ENCODER
November, 14-2011-Rev C
More results


Similar Description - 650200847

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CMG65B SUMIDA-CMG65B Datasheet
140Kb / 1P
AM Antenna Loading Coils
MG57 SUMIDA-MG57 Datasheet
152Kb / 1P
AM Antenna Loading Coils
logo
Oscilent Corporation
803-RF868.3M-A OSCILENT-803-RF868.3M-A Datasheet
182Kb / 2P
868.3 MHz RF SAW Filter
logo
Silicon Laboratories
SI4312 SILABS-SI4312 Datasheet
204Kb / 22P
315/433.92 MHZ OOK RECEIVER
logo
List of Unclassifed Man...
CMT2250AW-EQR ETC2-CMT2250AW-EQR Datasheet
355Kb / 4P
300 ??480 MHz OOK Receiver with Decoder
logo
TAI-SAW TECHNOLOGY CO.,...
TA1852A TAI-SAW-TA1852A Datasheet
280Kb / 7P
SAW Filter 868.3 MHz
TA1852B TAI-SAW-TA1852B Datasheet
436Kb / 7P
SAW Filter 868.3 MHz
TA2061A TAI-SAW-TA2061A Datasheet
426Kb / 7P
SAW Filter 868.3 MHz
logo
AUREL S.p.A.
650200606G AUREL-650200606G Datasheet
88Kb / 1P
1 to 3 Channels AM (OOK) SAW transmitters with HCS 300 Encoder
650200819G AUREL-650200819G Datasheet
91Kb / 2P
434 Mhz AM (OOK) transmitters with helical antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com