Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR3625 Datasheet (PDF) - Analog Devices

ADR3625 Datasheet PDF - Analog Devices
Part # ADR3625
Download  ADR3625 Download
File Size   3901.56 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Micropower, High Current Output Voltage Reference

ADR3625 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADR3625 Datasheet PDF - Analog Devices

Part # ADR3625
Download  ADR3625 Click to download

File Size   3901.56 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Micropower, High Current Output Voltage Reference

ADR3625 Datasheet (HTML) - Analog Devices


ADR3625 Product details

GENERAL DESCRIPTION
The ADR3625 is a low power, high precision voltage reference that
features a maximum temperature coefficient of 3 ppm/°C for the B
grade in an 8-lead MSOP. Capable of sourcing up to
70 mA, the ADR3625 is an exceptional replacement to standard
low dropout (LDO) regulators. For high accuracy, the output voltage
and temperature coefficient are trimmed during production using the
Analog Devices, Inc., proprietary DigiTrim® technology.
The low thermal hysteresis (–7 ppm) and low long-term drift
(160 ppm at 4500 Hr) improve system lifetime accuracy. A minimum
load capacitance of 0.1 μF is required for operation. The ADR3625
is specified over the –40°C to +125°C operating temperature range.

FEATURES
► Maximum temperature coefficient
► 3 ppm/°C (B grade)
► 6 ppm/°C (A grade)
► Output current capacity (typical): 70 mA sourcing/20 mA sinking
► Low quiescent current: 65 μA
► Low shutdown current: 1.5 μA
► Output voltage noise (0.1 Hz to 10 Hz): 3 ppm p-p
► Maximum initial output voltage error
► ±0.04% (B grade)
► ±0.08% (A grade)
► Operating temperature range: −40°C to +125°C
► Maximum input voltage: 16 V
► Low dropout voltage: 0.25 V
► 1.8 V logic compatible
► 8-Lead MSOP package

APPLICATIONS
► Precision power supplies
► Portable instrumentation
► Process transmitters
► Remote sensors
► Medical instrumentation
► Auto battery monitors




Similar Part No. - ADR3625

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR3625 AD-ADR3625 Datasheet
3Mb / 26P
Precision, Micropower, High Current Output Voltage References
Rev. A
ADR3625ARMZ AD-ADR3625ARMZ Datasheet
3Mb / 26P
Precision, Micropower, High Current Output Voltage References
Rev. A
ADR3625ARMZ-R7 AD-ADR3625ARMZ-R7 Datasheet
3Mb / 26P
Precision, Micropower, High Current Output Voltage References
Rev. A
ADR3625BRMZ AD-ADR3625BRMZ Datasheet
3Mb / 26P
Precision, Micropower, High Current Output Voltage References
Rev. A
ADR3625BRMZ-R7 AD-ADR3625BRMZ-R7 Datasheet
3Mb / 26P
Precision, Micropower, High Current Output Voltage References
Rev. A
More results


Similar Description - ADR3625

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4040 TI-LM4040 Datasheet
482Kb / 43P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040A10 TI1-LM4040A10 Datasheet
975Kb / 55P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Linear Technology
LT1634 LINER-LT1634_15 Datasheet
1Mb / 14P
Micropower Precision Shunt Voltage Reference
logo
Texas Instruments
TL4051 TI-TL4051_15 Datasheet
1,022Kb / 24P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041-N TI1-LM4041-N_16 Datasheet
1Mb / 45P
Precision Micropower Shunt Voltage Reference
LM4040-EP TI-LM4040-EP_V01 Datasheet
954Kb / 14P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SEPTEMBER 2011
logo
STMicroelectronics
TS33 STMICROELECTRONICS-TS33 Datasheet
853Kb / 24P
Micropower high precision series voltage reference
04-Aug-2021
logo
Analog Devices
ADR3625 AD-ADR3625_V01 Datasheet
3Mb / 26P
Precision, Micropower, High Current Output Voltage References
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com