Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL252-X016 Datasheet (PDF) - Vishay Siliconix

IL252-X016 Datasheet PDF - Vishay Siliconix
Part # IL252-X016
Download  IL252-X016 Download
File Size   149.35 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, AC Input, with Base Connection

IL252-X016 Datasheet (PDF)

Go To PDF Page Download Datasheet
IL252-X016 Datasheet PDF - Vishay Siliconix

Part # IL252-X016
Download  IL252-X016 Click to download

File Size   149.35 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, AC Input, with Base Connection

IL252-X016 Datasheet (HTML) - Vishay Siliconix


IL252-X016 Product details

DESCRIPTION
The IL250, IL251, IL252, ILD252 are bidirectional input
optically coupled isolators consisting of two gallium
arsenide infrared LEDs coupled to a silicon NPN
phototransistor per channel.
The IL250 has a minimum CTR of 50 %, the IL251 has a
minimum CTR of 20 %, and the IL252, ILD252 has a
minimum CTR of 100 %.
The IL250, IL251, IL252 are single channel optocouplers.
The ILD252 has two isolated channels in a single DIP
package.

FEATURES
• AC or polarity insensitive inputs
• Built-in reverse polarity input protection
• Improved CTR symmetry
• Industry standard DIP package
• Material categorization: 
for definitions of compliance please see
www.vishay.com/doc?99912

APPLICATIONS
• Ideal for AC signal detection and monitoring

AGENCY APPROVALS
• UL1577, file no. E52744, double protection
• cUL tested to CSA 22.2 bulletin 5A
• CSA 93751
• BSI EN 60950, BSI EN 60065
• DIN EN 60747-5-5 (VDE 0884-5)
• CQC GB4943.1-2011 and GB8898-2011 (suitable for
installation altitude below 2000 m)




Similar Part No. - IL252-X016

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL252-X007 VISHAY-IL252-X007 Datasheet
154Kb / 8P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
09-May-08
IL252-X009 VISHAY-IL252-X009 Datasheet
154Kb / 8P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
09-May-08
More results


Similar Description - IL252-X016

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL256AT VISHAY-IL256AT Datasheet
134Kb / 6P
Optocoupler, Phototransistor Output, AC Input, With Base Connection
22-Apr-04
IL256AT VISHAY-IL256AT_08 Datasheet
124Kb / 7P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
08-Jan-08
H11AA1 VISHAY-H11AA1 Datasheet
128Kb / 8P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
08-May-08
IL250 VISHAY-IL250_08 Datasheet
154Kb / 8P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
09-May-08
H11AA1 VISHAY-H11AA1_11 Datasheet
150Kb / 7P
Optocoupler, Phototransistor Output, AC Input with Base Connection
23-Feb-11
H11AA1 VISHAY-H11AA1_V01 Datasheet
147Kb / 7P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
23-Feb-11
IL256AT VISHAY-IL256AT_V01 Datasheet
116Kb / 7P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
08-Jan-08
H11AA1 VISHAY-H11AA1_V02 Datasheet
148Kb / 7P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
23-Feb-11
IL250 VISHAY-IL250_V02 Datasheet
149Kb / 8P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
21-Feb-18
IL256AT VISHAY-IL256AT_V02 Datasheet
117Kb / 7P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
08-Jan-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com