Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH620AA Datasheet (PDF) - Vishay Siliconix

SFH620AA Datasheet PDF - Vishay Siliconix
Part # SFH620AA
Download  SFH620AA Download
File Size   121.69 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, AC Input, 5300 VRMS

SFH620AA Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH620AA Datasheet PDF - Vishay Siliconix

Part # SFH620AA
Download  SFH620AA Click to download

File Size   121.69 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, AC Input, 5300 VRMS

SFH620AA Datasheet (HTML) - Vishay Siliconix


SFH620AA Product details

DESCRIPTION
The SFH620AA, SFH620AGB features a high current
transfer ratio, low coupling capacitance and high isolation
voltage. These couplers have a GaAs infrared emitting diode
emitter, which is optically coupled to a silicon planar
phototransistor detector, and is incorporated in a plastic
DIP-4 package.
The coupling devices are designed for signal transmission
between two electrically separated circuits.
The couplers are end-stackable with 2.54 mm lead spacing.
This version complies with IEC 60950 (DIN VDE 0805) for
reinforced insulation up to an operation voltage of 400 VRMS
or DC.

FEATURES
• High current transfer ratios
- at 5 mA: 50 to 600 %
- at 1.0 mA: 45 % typical (> 13)
• Low CTR degradation
• Good CTR linearity depending on forward
current
• Isolation test voltage, 5300 VRMS
• High collector emitter voltage, VCEO = 70 V
• Low saturation voltage
• Fast switching times
• Temperature stable
• Low coupling capacitance
• End stackable, 0.100" (2.54 mm) spacing
• High common mode interference immunity (unconnected
base)
• SMD option, see SFH620A, SFH6206 datasheet
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

AGENCY APPROVALS
• UL1577, file no. E52744 system code H, double protection
• CSA 93751
• BSI IEC 60950; IEC 60065
• VDE 0884-5, DIN EN 60747-5-5, available with option 1




Similar Part No. - SFH620AA

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH620AA SIEMENS-SFH620AA Datasheet
74Kb / 3P
5.3 kV TRIOS Optocoupler AC Voltage Input
logo
Vishay Siliconix
SFH620AA VISHAY-SFH620AA Datasheet
556Kb / 8P
Optocoupler, AC Input, 5300 VRMS
26-Oct-04
SFH620AA VISHAY-SFH620AA Datasheet
124Kb / 6P
Optocoupler, Phototransistor Output, AC Input, 5300
19-Nov-14
SFH620AA VISHAY-SFH620AA Datasheet
122Kb / 6P
Optocoupler, Phototransistor Output, AC Input, 5300 VRMS
19-Nov-14
SFH620AA-X009 VISHAY-SFH620AA-X009 Datasheet
556Kb / 8P
Optocoupler, AC Input, 5300 VRMS
26-Oct-04
More results


Similar Description - SFH620AA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH615AA VISHAY-SFH615AA_08 Datasheet
116Kb / 7P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
10-Jan-08
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
23-Mar-06
SFH620AA VISHAY-SFH620AA Datasheet
556Kb / 8P
Optocoupler, AC Input, 5300 VRMS
26-Oct-04
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
23-May-13
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
28-Oct-14
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
19-Oct-15
SFH620AA VISHAY-SFH620AA_14 Datasheet
124Kb / 6P
Optocoupler, Phototransistor Output, AC Input, 5300
19-Nov-14
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
27-Aug-2021
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
08-Feb-13
SFH620AA VISHAY-SFH620AA_V02 Datasheet
122Kb / 6P
Optocoupler, Phototransistor Output, AC Input, 5300 VRMS
19-Nov-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com