Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCV7705 Datasheet (PDF) - ON Semiconductor

NCV7705 Datasheet PDF - ON Semiconductor
Part # NCV7705
Download  NCV7705 Download
File Size   351.32 Kbytes
Page   38 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Mirror-Module Driver-IC

NCV7705 Datasheet (PDF)

Go To PDF Page Download Datasheet
NCV7705 Datasheet PDF - ON Semiconductor

Part # NCV7705
Download  NCV7705 Click to download

File Size   351.32 Kbytes
Page   38 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Mirror-Module Driver-IC

NCV7705 Datasheet (HTML) - ON Semiconductor


NCV7705 Product details

The NCV7705/NCV7706 is a powerful Driver−IC for automotive
body control systems. The IC is designed to control several loads in
the front door of a vehicle. The monolithic IC is able to control mirror
functions like mirror positioning, heating and folding. In addition,
NCV7706 includes the electro−chromic mirror feature. The device
features four high−side outputs to drive LEDs or incandescent bulbs
(up to 5/10 W). To allow maximum flexibility, all lighting outputs can
be PWM controlled thru PWM inputs (external signal source) or by an
internal programmable PWM generator unit. The
NCV7705/NCV7706 is controlled thru a 24 bit SPI interface with
in−frame response.

Features
• Operating Range from 5.5 V to 28 V
• Four High−Side and Four Low−Side Drivers Connected as
Half−Bridges
♦ 2x Half−bridges Iload = 0.75 A; RDS(on) = 1.6  @ 25°C
♦ 2x Half−Bridges Iload = 3 A; RDS(on) = 300 m @ 25°C
• Four High−Side Lamp Drivers
♦ 2x LED; Iload = 0.3 A; RDS(on) = 1.4  @ 25°C
♦ 1x 10 W; Configurable as LED Driver; Iload = 2.5 A;
RDS(on) = 300 m @ 25°C
♦ 1x 5 W; Configurable as LED Driver; Iload = 1.25 A;
RDS(on) = 600 m @ 25°C
• 1x High−Side Driver for Mirror Heating; Iload = 6 A;
RDS(on) = 100 m @ 25°C
• Electro Chromic Mirror Control (NCV7706 Only)
♦ 1x 6−Bit Selectable Output Voltage Controller
♦ 1x LS for EC Control; Iload = 0.75 A; RDS(on) = 1.6  @ 25°C
• Independent PWM Functionality for All Outputs
• Integrated Programmable PWM Generator Unit for All Lamp Driver
Outputs
♦ 7−bit / 10−bit Selectable Duty−cycle Setting Precision
• Programmable Soft−start Function to Drive Loads with Higher
Inrush Currents as Current Limitation Value
• Multiplex Current Sense Analog Output for Advanced Load
Monitoring
• Very Low Current Consumption in Standby Mode
• Charge Pump Output to Control an External Reverse Polarity
Protection MOSFET
• 24−Bit SPI Interface for Output Control and Diagnostic
• Protection Against Short−circuit, Overvoltage and
Over−temperature
• Downwards Pin−to−Pin and SPI Registers Compatible
with NCV7707
• AEC−Q100 Qualified and PPAP Compliant
• SSOP36−EP Power Package
• This is a Pb−Free Device

Typical Applications
• De−centralized Door Electronic Systems
• Body Control Units (BCUs)




Similar Part No. - NCV7705

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7705 ONSEMI-NCV7705 Datasheet
269Kb / 38P
Mirror-Module Driver-IC
January, 2016 ??Rev. 0
NCV7705DQR2G ONSEMI-NCV7705DQR2G Datasheet
269Kb / 38P
Mirror-Module Driver-IC
January, 2016 ??Rev. 0
More results


Similar Description - NCV7705

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1872 SANYO-LB1872 Datasheet
167Kb / 11P
Polygon Mirror Scanner Driver IC
LB1875 SANYO-LB1875 Datasheet
207Kb / 17P
Polygon Mirror Motor Predriver IC
LB11872V SANYO-LB11872V Datasheet
122Kb / 12P
Monolithic Digital IC For Polygonal Mirror Motors Scanner Driver IC
logo
Infineon Technologies A...
TLE8203E INFINEON-TLE8203E Datasheet
672Kb / 33P
Mirror Power IC
Rev. 1.0, February 2009
logo
ON Semiconductor
NCV7710 ONSEMI-NCV7710 Datasheet
208Kb / 21P
Door-Module Driver-IC
January, 2014 ??Rev. P2
NCV7707 ONSEMI-NCV7707_16 Datasheet
259Kb / 38P
Door-Module Driver-IC
September, 2016 ??Rev. 3
NCV7710 ONSEMI-NCV7710_16 Datasheet
240Kb / 22P
Door-Module Driver-IC
April, 2016 ??Rev. 0
NCV7704 ONSEMI-NCV7704 Datasheet
244Kb / 34P
Mirror-Module Driver-IC
April, 2016 ??Rev. 0
NCV7705 ONSEMI-NCV7705 Datasheet
269Kb / 38P
Mirror-Module Driver-IC
January, 2016 ??Rev. 0
NCV7707 ONSEMI-NCV7707_18 Datasheet
313Kb / 38P
Door-Module Driver-IC
March, 2018 ??Rev. 4
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com