Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH620A Datasheet (PDF) - Vishay Siliconix

SFH620A Datasheet PDF - Vishay Siliconix
Part # SFH620A
Download  SFH620A Download
File Size   167.95 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, AC Input

SFH620A Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH620A Datasheet PDF - Vishay Siliconix

Part # SFH620A
Download  SFH620A Click to download

File Size   167.95 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, AC Input

SFH620A Datasheet (HTML) - Vishay Siliconix


SFH620A Product details

DESCRIPTION
The SFH620A (DIP) and SFH6206 (SMD) feature a high
current transfer ratio, low coupling capacitance and high
isolation voltage. These couplers have a GaAs infrared
diode emitter, which is optically coupled to a silicon planar
phototransistor detector, and is incorporated in a plastic
DIP-4 or SMD package.
The coupling devices are designed for signal transmission
between two electrically separated circuits. The couplers
are end-stackable with 2.54 mm lead spacing. Creepage
and clearance distances of > 8 mm are achieved with
option 6. This version complies with IEC 60950
(DIN VDE 0805) for reinforced insulation to an operation
voltage of 400 VRMS or DC.

FEATURES
• Good CTR linearity depending on forward
current
• Isolation test voltage, 5300 VRMS
• High collector emitter voltage, VCEO = 70 V
• Low saturation voltage
• Fast switching times
• Low CTR degradation
• Temperature stable
• Low coupling capacitance
• End-stackable, 0.100" (2.54 mm) spacing
• High common-mode interference immunity
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

AGENCY APPROVALS
The safety application model number covering all products
in this datasheet is SFH620A and SHF6206. This model
number should be used when consulting safety agency
documents.
• UL1577, file no. E52744 system code H, double protection
• CSA 93751
• BSI EN 60950, EN 60065
• DIN EN 60747-5-5 (VDE 0884-5), available with option 1
• CQC GB8898-2011, GB4943.1-2011




Similar Part No. - SFH620A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH620A SIEMENS-SFH620A Datasheet
93Kb / 3P
5.3 kV TRIOS OPTOCOUPLER AC VOLTAGE INPUT
logo
Vishay Siliconix
SFH620A VISHAY-SFH620A Datasheet
400Kb / 9P
Optocoupler, Phototransistor Output, AC Input
01-Dec-05
SFH620A VISHAY-SFH620A Datasheet
170Kb / 9P
Optocoupler, Phototransistor Output, AC Input
31-Aug-15
SFH620A VISHAY-SFH620A Datasheet
168Kb / 9P
Optocoupler, Phototransistor Output, AC Input
31-Aug-15
logo
Infineon Technologies A...
SFH620A-1 INFINEON-SFH620A-1 Datasheet
84Kb / 1P
Optocouplers
May 31, 2000-10
More results


Similar Description - SFH620A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH620A VISHAY-SFH620A_05 Datasheet
400Kb / 9P
Optocoupler, Phototransistor Output, AC Input
01-Dec-05
K814P VISHAY-K814P_04 Datasheet
262Kb / 9P
Optocoupler, Phototransistor Output, AC input
26-Oct-04
TCET1600 VISHAY-TCET1600_05 Datasheet
195Kb / 9P
Optocoupler, Phototransistor Output, AC Input
01-Dec-05
K814P VISHAY-K814P_08 Datasheet
182Kb / 8P
Optocoupler, Phototransistor Output, AC Input
09-Jan-08
SFH6206-3T VISHAY-SFH6206-3T Datasheet
160Kb / 7P
Optocoupler, Phototransistor Output, AC Input
23-Feb-11
SFH620A VISHAY-SFH620A_15 Datasheet
170Kb / 9P
Optocoupler, Phototransistor Output, AC Input
31-Aug-15
TCET2600 VISHAY-TCET2600_10 Datasheet
167Kb / 8P
Optocoupler, Phototransistor Output, AC Input
10-Dec-10
K814P VISHAY-K814P_V02 Datasheet
184Kb / 8P
Optocoupler, Phototransistor Output, AC Input
10-Dec-08
SFH620A VISHAY-SFH620A_V02 Datasheet
168Kb / 9P
Optocoupler, Phototransistor Output, AC Input
31-Aug-15
TCET1600 VISHAY-TCET1600_V02 Datasheet
154Kb / 8P
Optocoupler, Phototransistor Output, AC Input
10-Dec-10
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com