Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCED4100 Datasheet (PDF) - Vishay Siliconix

TCED4100 Datasheet PDF - Vishay Siliconix
Part # TCED4100
Download  TCED4100 Download
File Size   155.64 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Photodarlington Output, Dual Channel, High Gain

TCED4100 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCED4100 Datasheet PDF - Vishay Siliconix

Part # TCED4100
Download  TCED4100 Click to download

File Size   155.64 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Photodarlington Output, Dual Channel, High Gain

TCED4100 Datasheet (HTML) - Vishay Siliconix


TCED4100 Product details

DESCRIPTION
The TCED2100/TCED4100 consists of a phototransistor
optically coupled to a gallium arsenide infrared-emitting
diode in a 8-pin (dual) or 16-pin (quad) plastic dual inline
package.
The elements are mounted on one leadframe providing a
fixed distance between input and output for highest safety
requirements.

VDE STANDARDS
These couplers perform safety functions according to the
following equipment standards:
• DIN EN 60747-5-5
Optocoupler for electrical safety requirements
• IEC 60950/EN 60950
Office machines (applied for reinforced isolation for mains
voltage ≤ 400 VRMS)
• VDE 0804
Telecommunication apparatus and data processing
• IEC 60065
Safety for mains-operated electronic and related
household apparatus

FEATURES
• Isolation materials according to UL94-VO
• Pollution degree 2 (DIN/VDE 0110/resp. IEC
60664)
• Climatic classification 55/100/21 (IEC 60068
part 1)
• Special construction: therefore, extra low
coupling capacity of typical 0.2 pF, high common
mode rejection
• Low temperature coefficient of CTR
• Creepage current resistance according to VDE 0303/
IEC 60112 comparative tracking index: CTI ≥ 175
• Rated impulse voltage (transient overvoltage)
VIOTM = 8 kV peak
• Isolation test voltage (partial discharge test voltage)
Vpd = 1.6 kV peak
• Rated isolation voltage (RMS includes DC)
VIOWM = 600 VRMS
• Rated recurring peak voltage (repetitive)
VIORM = 848 V peak
• Thickness though insulation ≥ 0.75 mm
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC

APPLICATIONS
• Switch-mode power supplies
• Line receiver
• Computer peripheral interface
• Microprocessor system interface
• Circuits for safe protective separation against electrical
shock according to safety class II (reinforced isolation):
- for appl. class I - IV at mains voltage ≤ 300 V
- for appl. class I - III at mains voltage ≤ 600 V
according to DIN EN 60747-5-5.

AGENCY APPROVALS
• UL1577, file no. E76222 system code U, double protection
• CSA 22.2 bulletin 5A, double protection
• DIN EN 60747-5-5
• BSI IEC 60950; IEC 60065
• FIMKO




Similar Part No. - TCED4100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCED4100 VISHAY-TCED4100 Datasheet
207Kb / 9P
Optocoupler with Photodarlington Output
11-Jan-99
More results


Similar Description - TCED4100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL55B VISHAY-IL55B Datasheet
115Kb / 6P
Optocoupler, Photodarlington Output, High Gain
26-Oct-04
IL755 VISHAY-IL755 Datasheet
137Kb / 7P
Optocoupler, Photodarlington Output, AC Input, High Gain (Single, Dual Channel)
26-Oct-04
ILD32 VISHAY-ILD32 Datasheet
181Kb / 8P
Optocoupler, Photodarlington Output, High Gain (Dual, Quad Channel)
26-Oct-04
ILQ32 VISHAY-ILQ32_11 Datasheet
183Kb / 6P
Optocoupler, Photodarlington Output, High Gain (Quad Channel)
24-May-11
ILD755 VISHAY-ILD755 Datasheet
142Kb / 7P
Optocoupler, Photodarlington Output, AC Input, High Gain (Single, Dual Channel)
10-Mar-2021
ILQ32 VISHAY-ILQ32_V01 Datasheet
180Kb / 6P
Optocoupler, Photodarlington Output, High Gain (Quad Channel)s
24-May-11
ILQ32 VISHAY-ILQ32_V02 Datasheet
180Kb / 6P
Optocoupler, Photodarlington Output, High Gain (Quad Channel)
24-May-11
IL755 VISHAY-IL755_V01 Datasheet
142Kb / 7P
Optocoupler, Photodarlington Output, AC Input, High Gain (Single, Dual Channel)
10-Mar-2021
TCED2100 VISHAY-TCED2100_V02 Datasheet
155Kb / 8P
Optocoupler, Photodarlington Output, Dual Channel, High Gain
16-May-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com