Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCMT4606 Datasheet (PDF) - Vishay Siliconix

TCMT4606 Datasheet PDF - Vishay Siliconix
Part # TCMT4606
Download  TCMT4606 Download
File Size   402.53 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, AC Input, Single / Quad Channel, Half Pitch Mini-Flat Package

TCMT4606 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCMT4606 Datasheet PDF - Vishay Siliconix

Part # TCMT4606
Download  TCMT4606 Click to download

File Size   402.53 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, AC Input, Single / Quad Channel, Half Pitch Mini-Flat Package

TCMT4606 Datasheet (HTML) - Vishay Siliconix


TCMT4606 Product details

DESCRIPTION
The low profile miniflat package includes an optocoupler
with AC Input and transistor output. It is available in single
channel (4 pin) TCMT1600 or quad channel (16 pin)
TCMT4600.

FEATURES
• Low profile package (half pitch)
• AC isolation test voltage 3750 VRMS
• Low coupling capacitance of typical 0.3 pF
• Low temperature coefficient of CTR
• Wide ambient temperature range
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Programmable logic controllers

AGENCY APPROVALS
• UL / cUL 1577
• DIN EN 60747-5-5 (VDA 0884-5)
• FIMKO
• BSI
• CQC




Similar Part No. - TCMT4606

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCMT4606 VISHAY-TCMT4606 Datasheet
271Kb / 8P
Optocoupler, Phototransistor Output, AC Input, Single/Quad Channel, Half Pitch Mini-Flat
16-May-08
TCMT4606 VISHAY-TCMT4606 Datasheet
362Kb / 10P
Optocoupler, Phototransistor Output, AC Input
21-Jul-15
TCMT4606 VISHAY-TCMT4606 Datasheet
402Kb / 10P
Optocoupler, Phototransistor Output, AC Input, Single / Quad Channel, Half Pitch Mini-Flat Package
20-Aug-2021
More results


Similar Description - TCMT4606

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCMT1600 VISHAY-TCMT1600 Datasheet
394Kb / 8P
Optocoupler, Phototransistor Output, AC Input, Single/Quad Channel, Half Pitch Mini-Flat Package
02-Feb-05
TCMT1600 VISHAY-TCMT1600_08 Datasheet
271Kb / 8P
Optocoupler, Phototransistor Output, AC Input, Single/Quad Channel, Half Pitch Mini-Flat
16-May-08
TCMT4106 VISHAY-TCMT4106 Datasheet
135Kb / 7P
Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
23-May-13
TCMT111X VISHAY-TCMT111X Datasheet
141Kb / 7P
Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
23-May-13
TCMT110 VISHAY-TCMT110 Datasheet
152Kb / 9P
Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
10-Mar-16
TCMT111 VISHAY-TCMT111 Datasheet
158Kb / 9P
Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
10-Mar-16
TCMT4100 VISHAY-TCMT4100 Datasheet
339Kb / 9P
Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
19-Jan-16
TCMT4106 VISHAY-TCMT4106_V01 Datasheet
336Kb / 9P
Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
19-Jan-16
TCMT1600 VISHAY-TCMT1600_V02 Datasheet
402Kb / 10P
Optocoupler, Phototransistor Output, AC Input, Single / Quad Channel, Half Pitch Mini-Flat Package
20-Aug-2021
TCMT4100 VISHAY-TCMT4100_V02 Datasheet
336Kb / 9P
Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
19-Jan-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com