Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOL628A Datasheet (PDF) - Vishay Siliconix

VOL628A Datasheet PDF - Vishay Siliconix
Part # VOL628A_V01
Download  VOL628A Download
File Size   184.83 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, AC Input, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package

VOL628A Datasheet (PDF)

Go To PDF Page Download Datasheet
VOL628A Datasheet PDF - Vishay Siliconix

Part # VOL628A_V01
Download  VOL628A Click to download

File Size   184.83 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, AC Input, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package

VOL628A Datasheet (HTML) - Vishay Siliconix


VOL628A Product details

DESCRIPTION
The VOL628A has two GaAs infrared emitting diodes, which
are optically coupled to a silicon planar phototransistor
detector, and are incorporated in a 4 pin LSOP wide body
package.
It features a high current transfer ratio, low coupling
capacitance, and high isolation voltage.
The coupling device is designed for signal transmission
between two electrically separated circuits.

FEATURES
• Low profile package
• High collector emitter voltage, VCEO = 80 V
• Isolation test voltage, 5000 VRMS
• Low coupling capacitance
• High common mode transient immunity
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912

APPLICATIONS
• Telecom
• Industrial controls
• Battery powered equipment
• Office machines
• Programmable controllers

AGENCY APPROVALS
(All parts are certified under base model VOL628A)
• UL1577, file no. E76222
• cUL CSA 22.2 bulletin 5A, double protection
• DIN EN 60747-5-5 (VDE 0884-5), available with option 1
• BSI: EN 60065:2002, EN 60950-1:2006
• FIMKO EN60950-1
• CQC: GB8898-2011, GB4943.1-2011




Similar Part No. - VOL628A_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOL628A VISHAY-VOL628A_V02 Datasheet
185Kb / 9P
Optocoupler, Phototransistor Output, AC Input, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
09-Aug-2018
More results


Similar Description - VOL628A_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOL617A VISHAY-VOL617A Datasheet
171Kb / 8P
Optocoupler, Phototransistor Output, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
30-Jan-13
VOL618A VISHAY-VOL618A Datasheet
172Kb / 8P
Optocoupler, Phototransistor Output, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
30-Jan-13
VOL618A VISHAY-VOL618A_15 Datasheet
176Kb / 9P
Optocoupler, Phototransistor Output, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
13-Oct-15
VOL628A VISHAY-VOL628A_15 Datasheet
175Kb / 9P
Optocoupler, Phototransistor Output, AC Input, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
13-Oct-15
VOL617A VISHAY-VOL617A_V01 Datasheet
219Kb / 10P
Optocoupler, Phototransistor Output, 4 Pin LSOP, Long Creepage Mini-Flat Package
28-Jan-2019
VOL618A VISHAY-VOL618A_V01 Datasheet
173Kb / 9P
Optocoupler, Phototransistor Output, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
13-Oct-15
VOL617A VISHAY-VOL617A_V02 Datasheet
220Kb / 10P
Optocoupler, Phototransistor Output, 4 Pin LSOP, Long Creepage Mini-Flat Package
28-Jan-2019
VOL618A VISHAY-VOL618A_V02 Datasheet
174Kb / 9P
Optocoupler, Phototransistor Output, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
13-Oct-15
VOL628A VISHAY-VOL628A_V02 Datasheet
185Kb / 9P
Optocoupler, Phototransistor Output, AC Input, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
09-Aug-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com