Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RNCS-AS Datasheet (PDF) - Stackpole Electronics, Inc.

RNCS-AS Datasheet PDF - Stackpole Electronics, Inc.
Part # RNCS-AS
Download  RNCS-AS Download
File Size   463.79 Kbytes
Page   7 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Anti-corrosive Anti-sulfur Tantalum Nitride Replacement Resistor

RNCS-AS Datasheet (PDF)

Go To PDF Page Download Datasheet
RNCS-AS Datasheet PDF - Stackpole Electronics, Inc.

Part # RNCS-AS
Download  RNCS-AS Click to download

File Size   463.79 Kbytes
Page   7 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Anti-corrosive Anti-sulfur Tantalum Nitride Replacement Resistor

RNCS-AS Datasheet (HTML) - Stackpole Electronics, Inc.


RNCS-AS Product details

Features:
• Special passivation for moisture sensitive applications
• Absolute TCR’s to ±10 ppm/ºC
• E192 value is built to order with no part marking
• Test proven immunity to humidity and moisture corrosion
• Test proven immunity to sulfur per ASTM-B-809-95
• Absolute tolerances to 0.05%
• Ideal replacement for costly Tantalum Nitride resistors
• 100% RoHS compliant and lead free without exemption
• Halogen free
• REACH compliant
• Qualified to AEC-Q200




Similar Part No. - RNCS-AS

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RNCS SEI-RNCS Datasheet
449Kb / 7P
Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
RNCS0402 SEI-RNCS0402 Datasheet
449Kb / 7P
Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
RNCS0402BKC10R0 SEI-RNCS0402BKC10R0 Datasheet
449Kb / 7P
Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
RNCS0402BKC1M00 SEI-RNCS0402BKC1M00 Datasheet
449Kb / 7P
Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
RNCS0402BKC4K75 SEI-RNCS0402BKC4K75 Datasheet
449Kb / 7P
Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
More results


Similar Description - RNCS-AS

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
PR02DTRC31002 TOKEN-PR02DTRC31002 Datasheet
423Kb / 5P
PR Anti-Corrosive Chip Resistor
logo
Riedon Powertron
ASC0402-100RF1 RIEDON-ASC0402-100RF1 Datasheet
183Kb / 3P
Anti-Sulfur Thick Film Chip Resistor
ASC0603-100RF1 RIEDON-ASC0603-100RF1 Datasheet
183Kb / 3P
Anti-Sulfur Thick Film Chip Resistor
ASC0805-100RF1 RIEDON-ASC0805-100RF1 Datasheet
183Kb / 3P
Anti-Sulfur Thick Film Chip Resistor
ASC1206-100RF1 RIEDON-ASC1206-100RF1 Datasheet
183Kb / 3P
Anti-Sulfur Thick Film Chip Resistor
logo
Stackpole Electronics, ...
CSRT-AS SEI-CSRT-AS Datasheet
322Kb / 7P
Anti-sulfur Metal Film Low Resistance Chip Resistor
5/20/2022
RNCP SEI-RNCP Datasheet
455Kb / 7P
High Power Anti-Sulfur Thin Film Chip Resistor
03/09/2020
RNCS0603BTEKIT SEI-RNCS0603BTEKIT Datasheet
43Kb / 1P
Anti-Corrosive Tantalum Nitride Replacement Resistor
08/21/2014
logo
RFE international
RMP RFE-RMP Datasheet
339Kb / 4P
SMD RESISTOR ** ANTI-SULFUR
2014.01.13
RMS RFE-RMS Datasheet
729Kb / 4P
SMD RESISTOR ** ANTI-SULFUR
2012.12.20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com