Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RNS Datasheet (PDF) - Stackpole Electronics, Inc.

RNS Datasheet PDF - Stackpole Electronics, Inc.
Part # RNS
Download  RNS Download
File Size   286.19 Kbytes
Page   5 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Ultra Miniature Metal Film Resistor

RNS Datasheet (PDF)

Go To PDF Page Download Datasheet
RNS Datasheet PDF - Stackpole Electronics, Inc.

Part # RNS
Download  RNS Click to download

File Size   286.19 Kbytes
Page   5 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Ultra Miniature Metal Film Resistor

RNS Datasheet (HTML) - Stackpole Electronics, Inc.


RNS Product details

Features:
• Miniature metal film for tight size constraints
• Superior electrical, TCR performances
• Flameproof silicone coating is standard
• 1-watt part in 1/4-watt package
• 2-watt part in 1/2-watt package
• ½-watt part in 1/8-watt package
• 100% RoHS compliant and lead free without exemption
• Halogen free
• REACH compliant




Similar Part No. - RNS

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
RNS NICHICON-RNS Datasheet
646Kb / 2P
Standard
logo
Ohmite Mfg. Co.
RNS OHMITE-RNS Datasheet
523Kb / 3P
(Potentiometers) Wirewound
logo
Power-One
RNS0.6ZH-M6 POWER-ONE-RNS0.6ZH-M6 Datasheet
429Kb / 16P
RNS Series: 5-10W DC/DC Converters 18-72 & 38-75V Input 3.3V, 5.0V, 7.0V and 12V Outputs Outputs of 2.5V & 15V, available with trimming
RNS0.9ET-M6 POWER-ONE-RNS0.9ET-M6 Datasheet
429Kb / 16P
RNS Series: 5-10W DC/DC Converters 18-72 & 38-75V Input 3.3V, 5.0V, 7.0V and 12V Outputs Outputs of 2.5V & 15V, available with trimming
RNS01EE POWER-ONE-RNS01EE Datasheet
429Kb / 16P
RNS Series: 5-10W DC/DC Converters 18-72 & 38-75V Input 3.3V, 5.0V, 7.0V and 12V Outputs Outputs of 2.5V & 15V, available with trimming
More results


Similar Description - RNS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
5043ED4K640F PHILIPS-5043ED4K640F Datasheet
335Kb / 7P
Standard Metal Film resistor
logo
TAITRON Components Inco...
RMF TAITRON-RMF Datasheet
265Kb / 6P
Metal Film Resistor Normal & Miniature Style
logo
IRC - a TT electronics ...
CAR IRCTT-CAR Datasheet
193Kb / 2P
Ultra Precision Metal Film Resistor
logo
MERITEK ELECTRONICS COR...
MFM MERITEK-MFM Datasheet
428Kb / 2P
Metal Film MELF Resistor
logo
WALSIN TECHNOLOGY CORPO...
SF25Q WALSIN-SF25Q Datasheet
2Mb / 10P
SMD metal film resistor
SF25T WALSIN-SF25T Datasheet
555Kb / 10P
SMD metal film resistor
WF25T WALSIN-WF25T Datasheet
670Kb / 10P
SMD metal film resistor
logo
Stackpole Electronics, ...
MLF SEI-MLF Datasheet
698Kb / 11P
Metal Film Melf Resistor
8/10/2022
logo
List of Unclassifed Man...
MCMF ETC-MCMF Datasheet
568Kb / 7P
Metal Film Fixed Resistor
25/11/19 V1.1
logo
RFE international
MGHV25 RFE-MGHV25 Datasheet
603Kb / 3P
METAL GLAZED FILM RESISTOR
2020.08.14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com