Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRSF3JAR220 Datasheet (PDF) - Stackpole Electronics, Inc.

PRSF3JAR220 Datasheet PDF - Stackpole Electronics, Inc.
Part # PRSF3JAR220
Download  PRSF3JAR220 Download
File Size   597.72 Kbytes
Page   9 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description General Purpose Metal Oxide Resistor

PRSF3JAR220 Datasheet (PDF)

Go To PDF Page Download Datasheet
PRSF3JAR220 Datasheet PDF - Stackpole Electronics, Inc.

Part # PRSF3JAR220
Download  PRSF3JAR220 Click to download

File Size   597.72 Kbytes
Page   9 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description General Purpose Metal Oxide Resistor

PRSF3JAR220 Datasheet (HTML) - Stackpole Electronics, Inc.


PRSF3JAR220 Product details

Features:
• Lower-cost alternative to carbon comps and wirewounds
• Coating meets UL 94V-0
• Meets solvent test of Mil Standard 202, Method 215
• Cut and formed product is available on select sizes - contact Stackpole
• Higher or lower resistance values may be possible - contact Stackpole
• Flameproof
• 100% RoHS compliant and lead free without exemption
• Halogen free
• REACH compliant




Similar Part No. - PRSF3JAR220

ManufacturerPart #DatasheetDescription
logo
IET Labs Inc.
PRS IET-PRS Datasheet
491Kb / 5P
Programmable Resistance - Capacitance - Inductance - RTD Decade Substituter
Nov 2021
logo
Power Systems GmbH+Co.K...
PRS-0505C POWER-SYSTEMS-PRS-0505C Datasheet
164Kb / 4P
DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
PRS-0512C POWER-SYSTEMS-PRS-0512C Datasheet
164Kb / 4P
DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
PRS-0515C POWER-SYSTEMS-PRS-0515C Datasheet
164Kb / 4P
DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
logo
List of Unclassifed Man...
PRS-1 ETC2-PRS-1 Datasheet
522Kb / 1P
relay
More results


Similar Description - PRSF3JAR220

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MF1ECT521 KOA-MF1ECT521 Datasheet
102Kb / 2P
general purpose metal film leaded resistor
logo
IRC - a TT electronics ...
CMO IRCTT-CMO Datasheet
184Kb / 4P
Commercial Grade Metal Oxide Resistor
PWRG51202J IRCTT-PWRG51202J Datasheet
156Kb / 2P
General Purpose Power Metal Glaze Resistor
logo
List of Unclassifed Man...
SEI-RNF_RNMF ETC1-SEI-RNF_RNMF Datasheet
140Kb / 3P
General Purpose Metal Film Resistor
RNF14FTD178K ETC2-RNF14FTD178K Datasheet
129Kb / 3P
General Purpose Metal Film Resistor
RNF18FTD10K0 ETC2-RNF18FTD10K0 Datasheet
140Kb / 3P
General Purpose Metal Film Resistor
RNF14FAD2K26 ETC2-RNF14FAD2K26 Datasheet
117Kb / 3P
General Purpose Metal Film Resistor
RNF18FTC1K00 ETC2-RNF18FTC1K00 Datasheet
140Kb / 3P
General Purpose Metal Film Resistor
RSMF2JB10R0 ETC2-RSMF2JB10R0 Datasheet
205Kb / 4P
General Purpose Metal Oxide Resistor
logo
Stackpole Electronics, ...
RNF SEI-RNF Datasheet
505Kb / 9P
General Purpose Metal Film Resistor
3/3/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com