Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM0618-BD Datasheet (PDF) - Mimix Broadband

CMM0618-BD Datasheet PDF - Mimix Broadband
Part # CMM0618-BD
Download  CMM0618-BD Download
File Size   231.58 Kbytes
Page   3 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 5.0 to 18.0 GHz 1w MMIC Amplifier

CMM0618-BD Datasheet (PDF)

Go To PDF Page Download Datasheet
CMM0618-BD Datasheet PDF - Mimix Broadband

Part # CMM0618-BD
Download  CMM0618-BD Click to download

File Size   231.58 Kbytes
Page   3 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 5.0 to 18.0 GHz 1w MMIC Amplifier

CMM0618-BD Datasheet (HTML) - Mimix Broadband


CMM0618-BD Product details

General Description
Mimix Broadband’s two stage 6.0-18.0 GHz GaAs MMIC power amplifier has a small signal gain of 10.5 dB with a +29.0 dBm P1dB output compression point and is ideal for use in a balanced configuration. This MMIC uses Mimix Broadband’s 0.3 µm GaAs PHEMT device model technology, and is based upon electron beam lithography to ensure high repeatability and uniformity. The chip has surface passivation to protect and provide a rugged part with backside via holes and gold metallization to allow either a conductive epoxy or eutectic solder die attach process. This device is well suited for Test Instrumentation, Military, Space, Microwave Point-to-Point Radio, SATCOM and VSAT applications.

Features
◆ Wide Band Power Amplifier
◆ Positive Gain Slope
◆ 10.5 dB Small Signal Gain
◆ +29.0 dBm P1dB Compression Point
◆ +36.0 dBm Third Order Intercept
◆ 100% Visual Inspection to MIL-STD-883 Method 2010




Similar Part No. - CMM0618-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM0618-BD MIMIX-CMM0618-BD Datasheet
154Kb / 5P
6.0-18.0 GHz GaAs MMIC Power Amplifier
CMM0618-BD-000V MIMIX-CMM0618-BD-000V Datasheet
154Kb / 5P
6.0-18.0 GHz GaAs MMIC Power Amplifier
CMM0618-BD MIMIX-CMM0618-BD_07 Datasheet
154Kb / 5P
6.0-18.0 GHz GaAs MMIC Power Amplifier
More results


Similar Description - CMM0618-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XB1006 MIMIX-XB1006 Datasheet
957Kb / 14P
18.0-38.0 GHz GaAs MMIC Buffer Amplifier
XD1001 MIMIX-XD1001 Datasheet
341Kb / 6P
18.0-50.0 GHz GaAs MMIC Distributed Amplifier
logo
Tyco Electronics
MAAPGM0030 MACOM-MAAPGM0030 Datasheet
204Kb / 5P
Amplifier, Power, 1W 5.0-9.0 GHz
MAAPGM0030-DIE MACOM-MAAPGM0030-DIE Datasheet
269Kb / 6P
5.0-9.0 GHz 1W Power Amplifier
logo
Mimix Broadband
CMM4000-BD MIMIX-CMM4000-BD_07 Datasheet
193Kb / 7P
2.0-18.0 GHz GaAs MMIC Buffer Amplifier
CMM0618-BD MIMIX-CMM0618-BD_07 Datasheet
154Kb / 5P
6.0-18.0 GHz GaAs MMIC Power Amplifier
XB1006-BD MIMIX-XB1006-BD Datasheet
781Kb / 11P
18.0-38.0 GHz GaAs MMIC Buffer Amplifier
XD1001-BD MIMIX-XD1001-BD Datasheet
259Kb / 6P
18.0-50.0 GHz GaAs MMIC Distributed Amplifier
logo
Micronetics, Inc.
B50A MICRONETICS-B50A Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
B50H MICRONETICS-B50H Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com