Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMHC4035LSDQ-13 Datasheet (PDF) - Diodes Incorporated

DMHC4035LSDQ-13 Datasheet PDF - Diodes Incorporated
Part # DMHC4035LSDQ-13
Download  DMHC4035LSDQ-13 Download
File Size   628.77 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE

DMHC4035LSDQ-13 Datasheet (PDF)

Go To PDF Page Download Datasheet
DMHC4035LSDQ-13 Datasheet PDF - Diodes Incorporated

Part # DMHC4035LSDQ-13
Download  DMHC4035LSDQ-13 Click to download

File Size   628.77 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE

DMHC4035LSDQ-13 Datasheet (HTML) - Diodes Incorporated


DMHC4035LSDQ-13 Product details

Features
2 x N + 2 x P Channels in An SO-8 Package
Low On-Resistance
Low Input Capacitance
Fast Switching Speed
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)




Similar Part No. - DMHC4035LSDQ-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMHC4035LSD DIODES-DMHC4035LSD Datasheet
378Kb / 9P
40V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
Rev 1
DMHC4035LSD-13 DIODES-DMHC4035LSD-13 Datasheet
378Kb / 9P
40V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
Rev 1
More results


Similar Description - DMHC4035LSDQ-13

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMHC3A01T8 ZETEX-ZXMHC3A01T8 Datasheet
285Kb / 10P
COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET H-BRIDGE
ZXMHC6A07T8 ZETEX-ZXMHC6A07T8 Datasheet
286Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
ZXMHC10A07T8 ZETEX-ZXMHC10A07T8 Datasheet
283Kb / 10P
COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
ZXMHC6A07T8 ZETEX-ZXMHC6A07T8_05 Datasheet
276Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
ZXMHC3A01T8 DIODES-ZXMHC3A01T8 Datasheet
273Kb / 10P
COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET H-BRIDGE
APRIL 2004
ZXMHC6A07T8 DIODES-ZXMHC6A07T8 Datasheet
283Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
MAY 2005
ZXMHC10A07T8 DIODES-ZXMHC10A07T8 Datasheet
293Kb / 10P
COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
JUNE 2005
DMHC3025LSD DIODES-DMHC3025LSD Datasheet
373Kb / 9P
30V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
Rev 4
DMHC4035LSD DIODES-DMHC4035LSD Datasheet
378Kb / 9P
40V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
Rev 1
DMHC6070LSD DIODES-DMHC6070LSD Datasheet
589Kb / 10P
60V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
April 2016
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com