Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP1096UCB4 Datasheet (PDF) - Diodes Incorporated

DMP1096UCB4 Datasheet PDF - Diodes Incorporated
Part # DMP1096UCB4
Download  DMP1096UCB4 Download
File Size   596.01 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description P-CHANNEL ENHANCEMENT MODE MOSFET

DMP1096UCB4 Datasheet (PDF)

Go To PDF Page Download Datasheet
DMP1096UCB4 Datasheet PDF - Diodes Incorporated

Part # DMP1096UCB4
Download  DMP1096UCB4 Click to download

File Size   596.01 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description P-CHANNEL ENHANCEMENT MODE MOSFET

DMP1096UCB4 Datasheet (HTML) - Diodes Incorporated


DMP1096UCB4 Product details

Features
LD-MOS Technology with the Lowest Figure of Merit:
RDS(ON) = 85mΩ to Minimize On-State Losses
Qg = 3.7nC for Ultra-Fast Switching
VGS(TH) = -0.6V Typ. for a Low Turn-On Potential
CSP with Footprint 1.0mm × 1.0mm
Height = 0.62mm for Low Profile
ESD = 3kV HBM Protection of Gate
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change control

Applications
Battery managements
Load switches
Battery protections




Similar Part No. - DMP1096UCB4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP1005UFDF DIODES-DMP1005UFDF Datasheet
494Kb / 7P
P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP1005UFDF-13 DIODES-DMP1005UFDF-13 Datasheet
494Kb / 7P
P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP1005UFDF-7 DIODES-DMP1005UFDF-7 Datasheet
494Kb / 7P
P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP1009UFDF DIODES-DMP1009UFDF Datasheet
335Kb / 7P
P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMP1009UFDF-13 DIODES-DMP1009UFDF-13 Datasheet
335Kb / 7P
P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
More results


Similar Description - DMP1096UCB4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com