Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC110G Datasheet (PDF) - Toshiba Semiconductor

TC110G Datasheet PDF - Toshiba Semiconductor
Part # TC110G
Download  TC110G Download
File Size   2910.64 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 50K gates/D.6ns. Compact and powerful!

TC110G Datasheet (PDF)

Go To PDF Page Download Datasheet
TC110G Datasheet PDF - Toshiba Semiconductor

Part # TC110G
Download  TC110G Click to download

File Size   2910.64 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 50K gates/D.6ns. Compact and powerful!

TC110G Datasheet (HTML) - Toshiba Semiconductor


TC110G Product details

General
Toshiba CMOS Gate Array family, TC11 OG Series,
with interconnect routing which is not confined to
"routing channels". This technique increases silicon
efficiency (functions/mm2
).
Higher density and Toshiba HC2MOS process
provide subnanosecond speeds of 0.6ns typical gate
delays (2-input NAND gate, fanout=2, tpd.). TC110G
Series is introduced as 14 base arrays with 1 .4K to
50K estimated usable gates.
Gate Array design using TC 11 OG Series is supported
by the TOSHIBA MAINFRAME CAD SYSTEM.
Hierarchical designs with large macro capabilites

Features
Proprietary 1.5μm HC2MOS/VLSI process technology.
•0.6ns speed (2-input NAND gate, fanout = 2, tpd.)
Achieves ultra high speed equivalent to 10K ECL.
High packing density up to 129K raw gates.
3K to 129K raw gates.
Up to 256 110 pins.
Variable channel width architecture allows efficient silicon utilization.
Full input/output TTL/CMOS compatibility.
Advanced packaging techniques.
Design is fully supported by TOSHIBA MAINFRAME CAD SYSTEM
Programmable I/O cells with siew rate control (e.g. Output drive up to 12mA).
Large macro capability (e.g. RAMs, ROMs, Megafunctions, Megacells* ).
Performance optimization (e.g. Standard/High drive cells).




Similar Part No. - TC110G

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
PFM/PWM Step-Up DC/DC Controller
2002
TC110 MICROCHIP-TC110 Datasheet
465Kb / 16P
PFM/PWM Step-Up DC/DC Controller
2002
logo
Lite-On Technology Corp...
TC1100H LITEON-TC1100H Datasheet
46Kb / 4P
SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
List of Unclassifed Man...
TC1101 ETC2-TC1101 Datasheet
154Kb / 6P
Low Noise and Medium Power GaAs FETs
logo
Transcom, Inc.
TC1101 TRANSCOM-TC1101 Datasheet
250Kb / 5P
Low Noise and Medium Power GaAs FETs
More results


Similar Description - TC110G

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT40K05 ATMEL-AT40K05 Datasheet
1Mb / 67P
5K - 50K Gates Coprocessor FPGA with FreeRAM
AT40K05AL ATMEL-AT40K05AL Datasheet
43Kb / 4P
5K - 50K Gates Coprocessor FPGA with FreeRAM
logo
Omron Electronics LLC
NT2S-SF126B-E OMRON-NT2S-SF126B-E Datasheet
481Kb / 6P
Powerful and Compact Alphanumeric Operator Interface
logo
ATMEL Corporation
AT40K05 ATMEL-AT40K05_14 Datasheet
1Mb / 55P
5K ??50K Gates Coprocessor FPGA with FreeRAM
AT40K05AL ATMEL-AT40K05AL_14 Datasheet
1Mb / 51P
5K ??50K Gates Coprocessor FPGA with FreeRAM
AT40K10AL ATMEL-AT40K10AL_14 Datasheet
126Kb / 4P
5K ??50K Gates Coprocessor FPGA with FreeRAM
logo
List of Unclassifed Man...
AOC-CIBF-M1 ETC2-AOC-CIBF-M1 Datasheet
437Kb / 1P
Compact and Powerful InfiniBand FDR Adapter
AOC-CIBQ-M1 ETC2-AOC-CIBQ-M1 Datasheet
391Kb / 1P
Compact and Powerful InfiniBand QDR Adapter
AOC-CTG-I1S ETC2-AOC-CTG-I1S Datasheet
368Kb / 1P
Compact and Powerful 10 Gigabit Ethernet Adapter
AOC-UIBF-M1 ETC2-AOC-UIBF-M1 Datasheet
417Kb / 1P
Compact and Powerful InfiniBand FDR Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com