Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMPH6050SPDQ Datasheet (PDF) - Diodes Incorporated

DMPH6050SPDQ Datasheet PDF - Diodes Incorporated
Part # DMPH6050SPDQ
Download  DMPH6050SPDQ Download
File Size   530.74 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 175°C 60V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI

DMPH6050SPDQ Datasheet (PDF)

Go To PDF Page Download Datasheet
DMPH6050SPDQ Datasheet PDF - Diodes Incorporated

Part # DMPH6050SPDQ
Download  DMPH6050SPDQ Click to download

File Size   530.74 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 175°C 60V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI

DMPH6050SPDQ Datasheet (HTML) - Diodes Incorporated


DMPH6050SPDQ Product details

Features
Rated to +175°C – ideal for high ambient temperature
environments
100% Unclamped Inductive Switching – ensures more reliable
and robust end application
Low RDS(ON) – minimises power losses
Low Qg – minimises switching losses
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)




Similar Part No. - DMPH6050SPDQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMPH6050SPD DIODES-DMPH6050SPD Datasheet
533Kb / 7P
60V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMPH6050SPD-13 DIODES-DMPH6050SPD-13 Datasheet
533Kb / 7P
60V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
More results


Similar Description - DMPH6050SPDQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP6023LFG DIODES-DMP6023LFG_15 Datasheet
502Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
Rev 2
DMN6013LFGQ DIODES-DMN6013LFGQ Datasheet
521Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
Rev erse
DMNH6021SPD DIODES-DMNH6021SPD Datasheet
458Kb / 7P
60V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
Rev 3
DMNH6021SPDQ DIODES-DMNH6021SPDQ Datasheet
472Kb / 7P
60V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
Rev 2
DMNH6042SPSQ DIODES-DMNH6042SPSQ Datasheet
542Kb / 7P
60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
August 2016
DMPH6050SSDQ DIODES-DMPH6050SSDQ Datasheet
531Kb / 7P
175°C 60V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
September 2016
DMTH6010LPDQ DIODES-DMTH6010LPDQ_V01 Datasheet
538Kb / 9P
60V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 4 - 2 December 2021
DMTH6010LPD DIODES-DMTH6010LPD_V01 Datasheet
527Kb / 9P
60V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 3 - 2 November 2021
DMNH6035SPDWQ DIODES-DMNH6035SPDWQ Datasheet
752Kb / 7P
60V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
March 2023 Rev. 8 - 2
DMTH6010LPDWQ DIODES-DMTH6010LPDWQ Datasheet
572Kb / 7P
60V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
November 2022 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com