Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXT13003DG Datasheet (PDF) - Diodes Incorporated

DXT13003DG Datasheet PDF - Diodes Incorporated
Part # DXT13003DG
Download  DXT13003DG Download
File Size   377.18 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 450V NPN HIGH VOLTAGE POWER TRANSISTOR IN SOT223

DXT13003DG Datasheet (PDF)

Go To PDF Page Download Datasheet
DXT13003DG Datasheet PDF - Diodes Incorporated

Part # DXT13003DG
Download  DXT13003DG Click to download

File Size   377.18 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 450V NPN HIGH VOLTAGE POWER TRANSISTOR IN SOT223

DXT13003DG Datasheet (HTML) - Diodes Incorporated


DXT13003DG Product details

Features
BVCEO > 450V
BVCES > 700V
BVEBO > 9V
IC = 1.5A high Continuous Collector Current
Integrated Collector-Emitter Diode to act as free-wheeling diode
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)




Similar Part No. - DXT13003DG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT13003DG DIODES-DXT13003DG_15 Datasheet
377Kb / 6P
450V NPN HIGH VOLTAGE POWER TRANSISTOR IN SOT223
Rev 1
More results


Similar Description - DXT13003DG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APT27 DIODES-APT27_15 Datasheet
338Kb / 5P
450V NPN HIGH VOLTAGE POWER TRANSISTOR
Rev 2
APT27H DIODES-APT27H_15 Datasheet
340Kb / 5P
450V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO92
Rev 2
APT13003D DIODES-APT13003D_15 Datasheet
390Kb / 7P
450V NPN HIGH VOLTAGE POWER TRANSISTOR
Rev 2
APT13003L DIODES-APT13003L_15 Datasheet
298Kb / 5P
450V NPN HIGH VOLTAGE POWER TRANSISTOR
Rev 1
APT13003S DIODES-APT13003S_15 Datasheet
341Kb / 5P
450V NPN HIGH VOLTAGE POWER TRANSISTOR
Rev 2
APT13005D DIODES-APT13005D_15 Datasheet
554Kb / 7P
450V NPN HIGH VOLTAGE POWER TRANSISTOR
Rev 1
APT13005S DIODES-APT13005S_15 Datasheet
369Kb / 8P
450V NPN HIGH VOLTAGE POWER TRANSISTOR
Rev 1
DXT13003DK DIODES-DXT13003DK_15 Datasheet
310Kb / 6P
450V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO252
Rev 1
DXT13003DG DIODES-DXT13003DG_15 Datasheet
377Kb / 6P
450V NPN HIGH VOLTAGE POWER TRANSISTOR IN SOT223
Rev 1
APT13005D DIODES-APT13005D Datasheet
558Kb / 7P
450V NPN HIGH VOLTAGE POWER TRANSISTOR
June 2021
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com