Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXT5616U Datasheet (PDF) - Diodes Incorporated

DXT5616U Datasheet PDF - Diodes Incorporated
Part # DXT5616U
Download  DXT5616U Download
File Size   508.76 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 80V NPN MEDIUM POWER TRANSISTOR IN TO126

DXT5616U Datasheet (PDF)

Go To PDF Page Download Datasheet
DXT5616U Datasheet PDF - Diodes Incorporated

Part # DXT5616U
Download  DXT5616U Click to download

File Size   508.76 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 80V NPN MEDIUM POWER TRANSISTOR IN TO126

DXT5616U Datasheet (HTML) - Diodes Incorporated


DXT5616U Product details

Features
BVCEO > 80V
IC = 1A Continuous Collector Current
ICM = 2A Peak Pulse Current
Low Saturation Voltage VCE(sat) < 500mV @ 0.5A
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change control




Similar Part No. - DXT5616U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT5616U DIODES-DXT5616U_15 Datasheet
334Kb / 7P
80V NPN MEDIUM POWER TRANSISTOR IN TO126
Rev 1
More results


Similar Description - DXT5616U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BCP5616Q DIODES-BCP5616Q_15 Datasheet
457Kb / 7P
80V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 2
BCX5316Q DIODES-BCX5316Q_15 Datasheet
363Kb / 7P
80V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 2
BCX5616Q DIODES-BCX5616Q_15 Datasheet
505Kb / 7P
80V NPN MEDIUM POWER TRANSISTORS IN SOT89
Rev 2
BSR43 DIODES-BSR43_15 Datasheet
287Kb / 7P
80V NPN MEDIUM POWER TRANSISTOR IN SOT89
Rev 5
DXT5616U DIODES-DXT5616U_15 Datasheet
334Kb / 7P
80V NPN MEDIUM POWER TRANSISTOR IN TO126
Rev 1
BCP5616Q DIODES-BCP5616Q Datasheet
380Kb / 7P
80V NPN MEDIUM POWER TRANSISTOR
Rev 3
BCX5616Q DIODES-BCX5616Q Datasheet
426Kb / 7P
80V NPN MEDIUM POWER TRANSISTORS IN SOT89
November 2020
BCP5610Q DIODES-BCP5610Q Datasheet
444Kb / 7P
80V NPN MEDIUM POWER TRANSISTOR IN SOT223
March 2019 Rev. 2 - 2
BCP5616T DIODES-BCP5616T Datasheet
557Kb / 7P
80V NPN MEDIUM POWER TRANSISTOR IN SOT223
March 2019 Rev. 2 - 2
BCP5616TQ DIODES-BCP5616TQ Datasheet
556Kb / 7P
80V NPN MEDIUM POWER TRANSISTOR IN SOT223
January 2021 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com