Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GZ23C5V6 Datasheet (PDF) - Diodes Incorporated

GZ23C5V6 Datasheet PDF - Diodes Incorporated
Part # GZ23C5V6
Download  GZ23C5V6 Download
File Size   292.34 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL SURFACE MOUNT ZENER DIODE

GZ23C5V6 Datasheet (PDF)

Go To PDF Page Download Datasheet
GZ23C5V6 Datasheet PDF - Diodes Incorporated

Part # GZ23C5V6
Download  GZ23C5V6 Click to download

File Size   292.34 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL SURFACE MOUNT ZENER DIODE

GZ23C5V6 Datasheet (HTML) - Diodes Incorporated


GZ23C5V6 Product details

Features
Dual Zeners in Common Anode Configuration
Low Capacitance (15pF typical)
Ideally Suited for Automated Insertion
Δ VZ For Both Diodes in One Case is ≤ 5%
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)




Similar Part No. - GZ23C5V6

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GZ23C5V6 DIODES-GZ23C5V6_15 Datasheet
207Kb / 4P
DUAL SURFACE MOUNT ZENER DIODE
Rev 5
More results


Similar Description - GZ23C5V6

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DZ23C2V7 DIODES-DZ23C2V7_1 Datasheet
391Kb / 4P
300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 14 - 2
BZX84C2V4S DIODES-BZX84C2V4S_1 Datasheet
376Kb / 3P
DUAL 200mW SURFACE MOUNT ZENER DIODE
DS30108 Rev. 13 - 2
logo
Taiwan Semiconductor Co...
AZ23C2V7 TSC-AZ23C2V7 Datasheet
120Kb / 2P
Dual Surface Mount Zener Diode
DZ23C2V7 TSC-DZ23C2V7 Datasheet
120Kb / 2P
Dual Surface Mount Zener Diode
logo
Diodes Incorporated
AZ23C5V6W DIODES-AZ23C5V6W_08 Datasheet
121Kb / 3P
200mW DUAL SURFACE MOUNT ZENER DIODE
Rev. 9 - 2 May 2008
DZL6V8AXV3 DIODES-DZL6V8AXV3 Datasheet
109Kb / 3P
DUAL SURFACE MOUNT ZENER DIODE
DS31220 Rev. 6 - 2
DZ23C2V7 DIODES-DZ23C2V7_13 Datasheet
158Kb / 5P
300mW DUAL SURFACE MOUNT ZENER DIODE
Rev 20
BZX84C2V4S DIODES-BZX84C2V4S_15 Datasheet
161Kb / 4P
DUAL 200mW SURFACE MOUNT ZENER DIODE
Rev 17
DZL6V8AXV3 DIODES-DZL6V8AXV3_15 Datasheet
109Kb / 3P
DUAL SURFACE MOUNT ZENER DIODE
Rev erse
GZ23C5V6 DIODES-GZ23C5V6_15 Datasheet
207Kb / 4P
DUAL SURFACE MOUNT ZENER DIODE
Rev 5
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com