Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMCSA Datasheet (PDF) - EnOcean GmbH.

EMCSA Datasheet PDF - EnOcean GmbH.
Part # EMCSA
Download  EMCSA Download
File Size   125.07 Kbytes
Page   1 Pages
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
Description EnOcean Magnet Contact Sensor

EMCSA Datasheet (PDF)

Go To PDF Page Download Datasheet
EMCSA Datasheet PDF - EnOcean GmbH.

Part # EMCSA
Download  EMCSA Click to download

File Size   125.07 Kbytes
Page   1 Pages
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
Description EnOcean Magnet Contact Sensor

EMCSA Datasheet (HTML) - EnOcean GmbH.


EMCSA Product details

Primary power supply indoor light, min. 50 lx
Backup power supply Optional battery (CR1225 not included)
Radio standard / frequency / transmission power EMCSA: EnOcean / 868.300 MHz / +6.4 dBm, EMCSU: EnOcean / 902.875 MHz / +99 dBμV/m, EMCSJ: EnOcean / 928.350 MHz / 0 dBm
Antenna / Transmission range Internal helix antenna / 300m free field, typ. 30 m indoor
EnOcean Equipment Profile (EEP) D5-00-01, SIGNAL 0x0E (Entering Transport Mode)
EnOcean module integrated STM 320 (EMCSA), STM 320U (EMCSU), STM 420J (EMCSJ)
Supported security algorithms VAES 128, CMAC, RLC counter
Reed contact 1 x internal (marking on housing side)
Start-up time with empty energy storage typ. <2.5 min @ 400 lux, 25°C
Sustain condition for battery free operation min. 400 lx h per day (signs-of-life only, 25°C)
Operation time in darkness > 10 days (energy storage fully charged, signs-of-life only, 25° (1))
Teach-in telegram trigger and indicator Pushbutton and LED
Sign-of-life transmission Contact status update every around 20…30 minutes
Dimensions of unit with mounting plate 79 x 23.8 x 18.6 mm
Dimensions of unit without mounting plate 76.2 x 22 x 15 mm
Dimensions of housing adhesive 50 x 18 x 0.8 mm
Dimensions of magnet (incl. adhesive) 20 x 10 x 1.5 mm
Housing color White similar RAL9010 (EMCSx), Grey similar RAL7016 (EMCSA-G)
Operating conditions -20…+60°C (1), 0…93% r.h., non-condensing, IP 40, indoor use only
Storage conditions Recommended: +10…30 °C, <60% r.h., max. 36 months in transport mode (2)
Approvals EU/UK: CE/UKCA (EMCSA), US/CA: FCC/ISED (EMCSU), JN: ARIB STD-T108 (EMCSJ)
Single unit packaging 50 single unit card boxes each 32 x 32 x 99 mm contain: sensor unit, mounting plate, magnet, adhesive, instructions in transport card box 232 x 176 x 174 mm, total 2.0 kg
Tray packaging 56 units on trays contain: sensor unit, mounting plate, magnet, adhesive
7 trays stacked in card box 232 x 176 x 174 mm, total 2.2 kg




Similar Part No. - EMCSA

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
EMC WELWYN-EMC Datasheet
59Kb / 3P
Pulse Withstanding Fusible Flameproof Metal Film Resistors
logo
3M Electronics
EMC 3M-EMC Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
logo
TE Connectivity Ltd
EMC TEC-EMC Datasheet
242Kb / 3P
Compact dual stage filter series
logo
TT Electronics.
EMC TTELEC-EMC Datasheet
518Kb / 4P
Pulse Withstanding Fusible Flameproof Metal Film Resistors
logo
CUI INC
EMC-03 CUI-EMC-03 Datasheet
574Kb / 4P
AC POWER LINE FILTER
01/12/2022
More results


Similar Description - EMCSA

ManufacturerPart #DatasheetDescription
logo
Reed Relays and Electro...
MS-216-L-3 RRE-MS-216-L-3 Datasheet
95Kb / 2P
Cylindrical Magnet Sensor
MS-214-1 RRE-MS-214-1 Datasheet
95Kb / 2P
Cylindrical Magnet Sensor
MS-216-1 RRE-MS-216-1 Datasheet
107Kb / 2P
Cylindrical Magnet Sensor
MS-212-1 RRE-MS-212-1 Datasheet
99Kb / 2P
Cylindrical Magnet Sensor
MS-328-3 RRE-MS-328-3 Datasheet
95Kb / 2P
Flat pack Magnet Sensor
MS-324-1 RRE-MS-324-1 Datasheet
95Kb / 2P
Flat pack Magnet Sensor
logo
Extech Instruments Corp...
MD10 EXTECH-MD10 Datasheet
375Kb / 1P
Non-contact Magnet Detector Flashlight
logo
Alliance Semiconductor ...
072508AMS ALSC-072508AMS Datasheet
561Kb / 2P
AUSTRIA MICROSYSTEMS SENSOR MAGNET
logo
EnOcean GmbH.
EDK350 ENOCEAN-EDK350_V01 Datasheet
153Kb / 1P
EnOcean Developer Kit
June 2013
ETHSA ENOCEAN-ETHSA Datasheet
123Kb / 1P
EnOcean Temperature & Humidity Sensor
April 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com