Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETHSU Datasheet (PDF) - EnOcean GmbH.

ETHSU Datasheet PDF - EnOcean GmbH.
Part # ETHSU
Download  ETHSU Download
File Size   123.02 Kbytes
Page   1 Pages
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
Description EnOcean Temperature & Humidity Sensor

ETHSU Datasheet (PDF)

Go To PDF Page Download Datasheet
ETHSU Datasheet PDF - EnOcean GmbH.

Part # ETHSU
Download  ETHSU Click to download

File Size   123.02 Kbytes
Page   1 Pages
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
Description EnOcean Temperature & Humidity Sensor

ETHSU Datasheet (HTML) - EnOcean GmbH.


ETHSU Product details

Primary power supply Indoor light, min. 50 lx
Backup power supply Optional battery (CR1225, not included)
Radio standard / frequency / transmission power ETHSA: EnOcean / 868.300 MHz / +5 dBm
ETHSU: EnOcean / 902.875 MHz / +99 dBμV/m
Antenna / transmission range Internal helix antenna / 300 m free field, typ. 30 m indoor
EnOcean Equipment Profile (EEP) A5-04-03 (temperature & humidity measurement value),
SIGNAL 0x06 (Energy Level Reporting), SIGNAL 0x0E (Entering Transport Mode)
Supported security algorithms VAES 128, CMAC, RLC counter
Temperature sensor performance Measurement range -20 till +60°C, resolution 0.1K,
accuracy ±0.5K across entire range
Humidity sensor performance Measurement range 0-100% rh, resolution 0.4% rh, accuracy ±4.5% rh across entire range, ±3% rh between 20% till 80% rh
Measurement cycle time Once every 100s
Immediate transmission threshold Change by >±0.5 K or >±3% rh versus last transmission
Sign-of-life transmission Measurement data update once every 11-24 minutes (random)
Start-up time with empty energy storage typ. <2.5 min @ 400 lx, 25°C
Sustain condition for battery free operation min. 1200 lx h per day (25°C)
Operation time in darkness > 10 days (energy storage fully charged, sign of life only, 25°C) (1)
Teach-in telegram trigger and indicator Pushbutton and LED
Dimensions of unit without wall plate (no stand, 2 square caps) 76.2 x 22 x 15 mm
Dimensions of unit with wall plate 79 x 23.8 x 18.6 mm
Dimensions of unit with stand and triangle cap (single pack only) 85 mm x 30 mm x 30 mm
Housing color White, similar to RAL 9010
Operating conditions -20…+60 °C, 0…93% r.h., non-condensing, IP 40, indoor use only
Storage conditions Recommended: +10…30 °C, <60% r.h., max. 36 months in transport mode (2)
Approvals EU/UK: CE/UKCA (ETHSA), US/CA: FCC/ISED (ETHSU)
Single unit packaging 50 single unit card boxes 32x32x99 mm contains: sensor unit, wall plate, stand, triangle cap, adhesive, instructions in transport box 232x176x174 mm, total 2.3 kg
Tray packaging 56 units on trays contain sensor units, magnets, wall plates, adhesives
in transport card box 232x176x174 mm, total 2.2 kg




Similar Part No. - ETHSU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ETH0806-M3 VISHAY-ETH0806-M3 Datasheet
200Kb / 9P
Hyperfast Rectifier, 8 A FRED Pt
10-Mar-11
ETH0806FP-M3 VISHAY-ETH0806FP-M3 Datasheet
200Kb / 9P
Hyperfast Rectifier, 8 A FRED Pt
10-Mar-11
logo
Coilcraft lnc.
ETH1-230LB COILCRAFT-ETH1-230LB Datasheet
360Kb / 3P
?쏱oE Plus??Magnetics
ETH1-230LD COILCRAFT-ETH1-230LD Datasheet
360Kb / 3P
?쏱oE Plus??Magnetics
ETH1-230 COILCRAFT-ETH1-230_15 Datasheet
360Kb / 3P
?쏱oE Plus??Magnetics
More results


Similar Description - ETHSU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHT11 ETC-SHT11 Datasheet
840Kb / 9P
Humidity & Temperature Sensor
SHT1X ETC1-SHT1X Datasheet
530Kb / 9P
Humidity & Temperature Sensor
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
Humidity and Temperature Sensor
SHT25 ETC2-SHT25 Datasheet
426Kb / 12P
Humidity and Temperature Sensor
logo
BELIMO AIRCONTROLS (USA...
22DTH-51M BELIMO-22DTH-51M Datasheet
569Kb / 5P
Duct Sensor Humidity / Temperature
22RTH-59-1 BELIMO-22RTH-59-1 Datasheet
611Kb / 5P
Room Sensor Humidity / Temperature
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
Temperature and humidity sensor
logo
Schneider Electric
AP9335TH SCHNEIDER-AP9335TH Datasheet
104Kb / 2P
APC Temperature & Humidity Sensor
Oct 17, 2021
logo
Sensirion AG Switzerlan...
SHT85 SENSIRION-SHT85 Datasheet
1Mb / 23P
Humidity and Temperature Sensor
Version 3
logo
Advantech Co., Ltd.
LEO-S55 ADVANTECH-LEO-S55 Datasheet
539Kb / 3P
LoRaWAN Temperature/Humidity Sensor
19-May-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com