Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM431J Datasheet (PDF) - EnOcean GmbH.

STM431J Datasheet PDF - EnOcean GmbH.
Part # STM431J
Download  STM431J Download
File Size   120.07 Kbytes
Page   1 Pages
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
Description Sensor Transmitter Module

STM431J Datasheet (PDF)

Go To PDF Page Download Datasheet
STM431J Datasheet PDF - EnOcean GmbH.

Part # STM431J
Download  STM431J Click to download

File Size   120.07 Kbytes
Page   1 Pages
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
Description Sensor Transmitter Module

STM431J Datasheet (HTML) - EnOcean GmbH.


STM431J Product details

Features Overview
Power supply Pre-installed solar cell
Antenna Helix antenna (STM 43XJ)
Frequency 928.35 MHz
Conducted Output Power typ. 0 dBm
Data rate / Modulation type 125 kbps FSK
Start-up time with empty energy storage typ. <2.5 min @ 400 lux, 25 °C
Operation time in darkness @25°C1 min. 10 days, if energy storage fully charged 1
Input Channels Internal: temperature sensor, LRN button
External via 20 pin connector: occupancy button, set point dial, HSM 100
Temperature sensor Measurement range 0-40 °C, resolution 0.16 K
Accuracy typ. ±0.5 K between 17 °C and 27 °C, typ. ±1 K between 0 °C and 40°C
Transmission indicator 1x LED
EnOcean Equipment profiles configurable EEPs: A5-02-05, A5-10-05, A5-10-03 and with HSM 100: A5-04-01, A5-10-10, A5-10-12
Module dimensions 43 x 16 x 8 mm
Operating temperature1 -20 up to +60 °C
Security Level Format
24-bit RLC, RLC tx, 3-byte CMAC, VAES encryption




Similar Part No. - STM431J

ManufacturerPart #DatasheetDescription
logo
EnOcean GmbH.
STM400J ENOCEAN-STM400J Datasheet
259Kb / 2P
Scavenger Transceiver Module
November 2017
logo
STMicroelectronics
STM401-2 STMICROELECTRONICS-STM401-2 Datasheet
33Kb / 3P
RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
STM401-2 STMICROELECTRONICS-STM401-2 Datasheet
33Kb / 3P
RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
STM426-2 STMICROELECTRONICS-STM426-2 Datasheet
33Kb / 3P
RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
STM426-2 STMICROELECTRONICS-STM426-2 Datasheet
33Kb / 3P
RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
More results


Similar Description - STM431J

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
DR4001 RFM-DR4001 Datasheet
102Kb / 2P
Transmitter Module
logo
List of Unclassifed Man...
MO-TX4915-F ETC-MO-TX4915-F Datasheet
192Kb / 4P
FSK TRANSMITTER MODULE
MKT5 ETC2-MKT5 Datasheet
235Kb / 5P
FM Transmitter Module
54127 ETC2-54127 Datasheet
123Kb / 3P
AM TRANSMITTER MODULE
logo
Dorji Industrial Group ...
DRF5150S DORJI-DRF5150S Datasheet
251Kb / 10P
Wireless Sensor Transmitter Module
logo
Pepperl+Fuchs Inc.
UBE15M-F54-H1-V1 PF-UBE15M-F54-H1-V1 Datasheet
692Kb / 4P
Ultrasonic sensor, transmitter
UBE15M-F54-H2-V1 PF-UBE15M-F54-H2-V1 Datasheet
692Kb / 4P
Ultrasonic sensor, transmitter
UBE15M-H1 PF-UBE15M-H1 Datasheet
501Kb / 4P
Ultrasonic sensor, transmitter
logo
EnOcean GmbH.
STM330 ENOCEAN-STM330 Datasheet
220Kb / 1P
Sensor Transmitter Module
May 2019
STM332U ENOCEAN-STM332U Datasheet
220Kb / 1P
Sensor Transmitter Module
May 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com