Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB300 Datasheet (PDF) - EnOcean GmbH.

USB300 Datasheet PDF - EnOcean GmbH.
Part # USB300
Download  USB300 Download
File Size   144.04 Kbytes
Page   1 Pages
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
Description USB Gateway

USB300 Datasheet (PDF)

Go To PDF Page Download Datasheet
USB300 Datasheet PDF - EnOcean GmbH.

Part # USB300
Download  USB300 Click to download

File Size   144.04 Kbytes
Page   1 Pages
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
Description USB Gateway

USB300 Datasheet (HTML) - EnOcean GmbH.


USB300 Product details

Features:

• Full ESP3 feature set
• Power, Rx and Tx LED
• Optimized PCB antenna
• Integrated security handling
• Virtual COM Port driver (FTDI)

Features overview
Frequency/antenna USB 300: 868.300 MHz / PCB antenna
USB 500U: 902.875 MHz / PCB antenna
USB 400J: 928.350 MHz / PCB antenna
Data rate 125 kBit/s
Modulation type USB 300: ASK 868 MHz1)
USB 500U: FSK 902 MHz1)
USB 400J: FSK 928 MHz1)
Receiver Sensitivity (at 25°C)2)
USB 300: typ. –96 dBm2)
USB 500U: typ. -98 dBm2)
USB 400J: typ. -95 dBm2)
Receiver Category
(RED, EN 300 220)
2
(standard performance)
Output Power
USB 300: max. 6,7 dBm (radiated)
USB 500U: typ. 1 dBm (conducted)
USB 400J: typ. 0 dBm (conducted)
Dimensions (incl. cap) 70 x 23 x 9 mm
OEM label size 39 x 12 mm
USB connector Typ A
Operating temperature -20°C to +50°C (max. 90% r.h.)
Radio Regulations USB 300: CE (EU) / UKCA (UK)
USB 500U: FCC (US) / ISED (CA)
USB 400J: MIC/ARIB (Japan)




Similar Part No. - USB300

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB3070 GCT-USB3070 Datasheet
200Kb / 2P
Micro USB Receptacle, Type B, Mid-Mount SMT, Right Angled, Bottom Mount, 1.00mm Offset, Without Peg
4th April 2011
USB3075 GCT-USB3075 Datasheet
209Kb / 2P
Micro USB Receptacle, Type B, SMT, Horizontal, Bottom Mount (Standard), without Peg, with Outer Shell Stakes
4th February 2011
USB3076 GCT-USB3076 Datasheet
201Kb / 2P
Micro USB Receptacle, Type B, SMT, Horizontal, Bottom Mount w/out Peg, w/Outer Shell Stakes, w/out Mating Face Lead-In
26th August 2011
USB3080 GCT-USB3080 Datasheet
228Kb / 2P
Micro USB Receptacle, TYPE B, SMT, R/A, Bottom Mount, Optional Peg, With Shell Stakes
04th April 2011
USB3085 GCT-USB3085 Datasheet
212Kb / 2P
Micro USB Receptacle, Type AB, Surface Mount, Horizontal, Bottom Mount, Without Peg
4th April 2011
More results


Similar Description - USB300

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-6750W HARRIS-RF-6750W Datasheet
370Kb / 2P
wireless gateway
logo
List of Unclassifed Man...
750-658 ETC2-750-658 Datasheet
70Kb / 1P
CAN Gateway
logo
D+H Mechatronic AG
ACN-GW501-MRTU-0200 DH-ACN-GW501-MRTU-0200 Datasheet
476Kb / 2P
Modbus gateway
logo
WIZnet Co., Ltd
WIZFI630S WIZNET-WIZFI630S Datasheet
915Kb / 17P
gateway module
logo
Festo Corporation.
8069773 FESTO-8069773 Datasheet
96Kb / 2P
Gateway
logo
Pepperl+Fuchs Inc.
OHV-F230-B17 PF-OHV-F230-B17 Datasheet
285Kb / 2P
PROFINET Gateway
logo
PHOENIX CONTACT
1031235 PHOENIX-1031235 Datasheet
234Kb / 5P
IoT gateway - CLOUD IOT GATEWAY
logo
Schneider Electric
TSXCUSBMBP SCHNEIDER-TSXCUSBMBP Datasheet
104Kb / 1P
USB gateway - Modbus Plus bus
Aug 10, 2019
logo
PHOENIX CONTACT
1173487 PHOENIX-1173487 Datasheet
223Kb / 8P
LoRaWAN gateway - LPWAN GATEWAY ETH/4G EU
Dec 2, 2022
logo
NHP Electrical Engineer...
UWP30RSEXXX NHP-UWP30RSEXXX Datasheet
580Kb / 2P
MONITORING AND GATEWAY CONTROL 15-24V DC ETHERNET USB RS485
11 October 2022,
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com