Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3542 Datasheet (PDF) - Toshiba Semiconductor

TLP3542 Datasheet PDF - Toshiba Semiconductor
Part # TLP3542
Download  TLP3542 Download
File Size   84.61 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TESTERS DATA RECORDING EQUIPMENT MEASURING EQUIPMENT

TLP3542 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP3542 Datasheet PDF - Toshiba Semiconductor

Part # TLP3542
Download  TLP3542 Click to download

File Size   84.61 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TESTERS DATA RECORDING EQUIPMENT MEASURING EQUIPMENT

TLP3542 Datasheet (HTML) - Toshiba Semiconductor


TLP3542 Product details

TESTERS
DATA RECORDING EQUIPMENTS
MEASUREMENT EQUIPMENTS
   
The TOSHIBA TLP3542 consists of an aluminum gallium arsenide infrared emitting diode optically coupled to a photo-MOS FET in a plastic DIP package.
The TLP3452 series are a bi-directional switch, which can replace mechanical relays in many applications. And its high on-state current maximum rating is suitable to control a power line.
   
• 6 pin DIP (DIP6)
• 1-Form-A
• Peak Off-State Voltage       : 60 V (min)
• Trigger LED Current            : 3 mA (max)
• On-State Current                 : 2.5 A (max)
• On-State Resistance           : 100 mΩ (max)
• Output capacitance             : 600 pF (max)
• Isolation Voltage                 : 2500 Vrms (min)
• UL approved: UL1577, File No.E67349
• cUL approved :CSA Component Acceptance Service
                           No. 5A, File No.E67349
   




Similar Part No. - TLP3542

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3542 TOSHIBA-TLP3542 Datasheet
145Kb / 6P
TESTERS DATA RECORDING EQUIPMENTS
TLP3542 TOSHIBA-TLP3542_07 Datasheet
145Kb / 6P
TESTERS DATA RECORDING EQUIPMENTS
TLP3542 TOSHIBA-TLP3542_14 Datasheet
159Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
More results


Similar Description - TLP3542

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP592A TOSHIBA-TLP592A Datasheet
174Kb / 6P
Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP3542 TOSHIBA-TLP3542_07 Datasheet
145Kb / 6P
TESTERS DATA RECORDING EQUIPMENTS
TLP2630 TOSHIBA-TLP2630_07 Datasheet
198Kb / 8P
Analog Data Equipment Control
TLP173A TOSHIBA-TLP173A Datasheet
255Kb / 10P
Telecommunications Control Equipment Data Acquisition System Security Equipment Measurement Equipment
TLP222AF TOSHIBA-TLP222AF Datasheet
181Kb / 6P
Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP202A TOSHIBA-TLP202A_14 Datasheet
234Kb / 6P
Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP3230 TOSHIBA-TLP3230_14 Datasheet
273Kb / 7P
Measuring Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
TLP3231 TOSHIBA-TLP3231_14 Datasheet
273Kb / 7P
Measuring Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
TLP3312 TOSHIBA-TLP3312 Datasheet
251Kb / 8P
Battery Control Measuring Instruments Logic IC Testers / Memory Testers
logo
Dialog Semiconductor
SLG46110 DIALOG-SLG46110 Datasheet
837Kb / 82P
Data Communications Equipment
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com