Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI4ULS5V202Q Datasheet (PDF) - Diodes Incorporated

PI4ULS5V202Q Datasheet PDF - Diodes Incorporated
Part # PI4ULS5V202Q
Download  PI4ULS5V202Q Download
File Size   1149.25 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Automotive Qualified 2-Bit Bi-directional Level Shifter with Automatic Sensing & Ultra Tiny Package

PI4ULS5V202Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PI4ULS5V202Q Datasheet PDF - Diodes Incorporated

Part # PI4ULS5V202Q
Download  PI4ULS5V202Q Click to download

File Size   1149.25 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Automotive Qualified 2-Bit Bi-directional Level Shifter with Automatic Sensing & Ultra Tiny Package

PI4ULS5V202Q Datasheet (HTML) - Diodes Incorporated


PI4ULS5V202Q Product details

Features

> Qualfied for Automotive Applications

> AEC-Q100 Qualified with the Following Results

* Device Temperature Grade 1: -40°C o +125°C
Ambient Operating Temperature Range

> Veca can be Less than, Greater than or Equal to Vecs

> 1.2V105,5V on A Portand 1.2V 10 55V on B Port

> High-Speed with 20 Mb/s Data Rate for push-pull
application

> High-Speed with 2 Mb/s Data Rate for open-drain
application

> No Direction-Control Signal Needed

> Low Bit-to-Bit Skew

> Non-preferential Power-up Sequencing

> ESD protection exceeds 8KV HBM per JESD22-A114

> Integrated 10 KO Pullup Resistors

> Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)

> Halogen and Antimony Fre. “Green” Device (Note 3)

> The PIAULS5V202Qis suitable for automotive
applications requiring specific change control and is AEC-
Q100 quaified, has a grade | temperature rating, is PPAP
capable, and is manufactured in IATF16949:2016 certified
facilities.

> Package: MSOP-8(U)

Applications

> 12C, SMBus, MDIO

> Low Voltage ASIC Level Translation

> Mobile Phones, PDAs, Camera

> Automotive




Similar Part No. - PI4ULS5V202Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4ULS5V202 PERICOM-PI4ULS5V202 Datasheet
548Kb / 11P
2-Bit Bi-directional Level Shifter with Automatic Sensing & Ultra Tiny Package
PI4ULS5V202UE PERICOM-PI4ULS5V202UE Datasheet
548Kb / 11P
2-Bit Bi-directional Level Shifter with Automatic Sensing & Ultra Tiny Package
PI4ULS5V202XVE PERICOM-PI4ULS5V202XVE Datasheet
548Kb / 11P
2-Bit Bi-directional Level Shifter with Automatic Sensing & Ultra Tiny Package
More results


Similar Description - PI4ULS5V202Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4ULS3V16M PERICOM-PI4ULS3V16M Datasheet
657Kb / 9P
1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control & Advanced Package Solution
PI4ULS3V08M PERICOM-PI4ULS3V08M Datasheet
624Kb / 8P
1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control & Advanced Package Solution
PI4ULS3V16 PERICOM-PI4ULS3V16_07 Datasheet
446Kb / 10P
1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control
logo
Texas Instruments
TXB0302 TI1-TXB0302 Datasheet
489Kb / 11P
2-Bit Bidirectional Voltage-Level Translator with Automatic Direction Sensing
logo
Pericom Semiconductor C...
PI4ULS5V104GAEX PERICOM-PI4ULS5V104GAEX Datasheet
410Kb / 12P
4-Bit Bi-directional Level Shifter with Automatic Direction Controller
PI4ULS5V102 PERICOM-PI4ULS5V102 Datasheet
471Kb / 12P
2-Bit Universal Bi-directional Level Shifter with Automatic Direction Control & Advance Package Solution
PI4ULS5V104 PERICOM-PI4ULS5V104_15 Datasheet
477Kb / 12P
4-Bit Bi-directional Level Shifter with Automatic Direction Controller
PI4ULS5V201 PERICOM-PI4ULS5V201 Datasheet
534Kb / 11P
1-Bit Bi-directional Level Shifter with Automatic Sensing
PI4ULS5V202 PERICOM-PI4ULS5V202 Datasheet
548Kb / 11P
2-Bit Bi-directional Level Shifter with Automatic Sensing & Ultra Tiny Package
logo
Diodes Incorporated
PI4ULS5V108Q DIODES-PI4ULS5V108Q Datasheet
1Mb / 11P
Automotive Qualified 8-Bit Bi-directional Level Shifter for Open-Drain and Push-Pull Application
May 2019
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com