Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C5913004-01 Datasheet (PDF) - Diodes Incorporated

PI6C5913004-01 Datasheet PDF - Diodes Incorporated
Part # PI6C5913004-01
Download  PI6C5913004-01 Download
File Size   1757.46 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3 GHz 1:4 LVPECL Fanout Buffer

PI6C5913004-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI6C5913004-01 Datasheet PDF - Diodes Incorporated

Part # PI6C5913004-01
Download  PI6C5913004-01 Click to download

File Size   1757.46 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3 GHz 1:4 LVPECL Fanout Buffer

PI6C5913004-01 Datasheet (HTML) - Diodes Incorporated


PI6C5913004-01 Product details

Features
- Clock Frequency up to 3 GHz
- 4 pairs of differential LVPECL outputs
- Low additive jitter, < 0.02ps (max)
- Inputs accept: LVPECL, LVDS, CML, LVCMOS input level
- Pin Selectable inputs
- Output to Output skew: <20ps
- Operating Temperature: -40oC to 85oC
- Power supply: 3.3V ±10% or 2.5V ±5%
- Packaging (Pb-free & Green)
- 16-pin TQFN available




Similar Part No. - PI6C5913004-01

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6C5912006 DIODES-PI6C5912006 Datasheet
1Mb / 12P
6 Output LVPECL Fanout Buffer
Rev 1-2
PI6C5912006ZHIEX DIODES-PI6C5912006ZHIEX Datasheet
1Mb / 12P
6 Output LVPECL Fanout Buffer
Rev 1-2
PI6C5912012 DIODES-PI6C5912012 Datasheet
1Mb / 15P
12 Output LVPECL Fanout Buffer
Rev 2-2
PI6C5912012ZDIEX DIODES-PI6C5912012ZDIEX Datasheet
1Mb / 15P
12 Output LVPECL Fanout Buffer
Rev 2-2
PI6C5912016 DIODES-PI6C5912016 Datasheet
1Mb / 14P
16 Output LVPECL Fanout Buffer
Rev 1-2
More results


Similar Description - PI6C5913004-01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L14 ONSEMI-NB6L14 Datasheet
153Kb / 10P
2.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer
December, 2006 ??Rev. 0
NB6L14 ONSEMI-NB6L14_07 Datasheet
113Kb / 10P
2.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer
May, 2007 - Rev. 1
logo
Asahi Kasei Microsystem...
AK8181A AKM-AK8181A Datasheet
253Kb / 8P
3.3V LVPECL 1:4 Clock Fanout Buffer
AK8181E AKM-AK8181E Datasheet
552Kb / 10P
3.3V LVPECL 1:4 Clock Fanout Buffer
logo
Pericom Semiconductor C...
PI6C48535-11C PERICOM-PI6C48535-11C Datasheet
862Kb / 6P
4 Output LVPECL Fanout Buffer
PI6C5916004 PERICOM-PI6C5916004 Datasheet
961Kb / 12P
6 GHz 1:4 LVPECL Fanout Buffer with Internal Termination
logo
ON Semiconductor
NB7L14 ONSEMI-NB7L14_15 Datasheet
148Kb / 12P
Differential 1:4 LVPECL Fanout Buffer
July, 2015 ??Rev. 6
logo
Integrated Device Techn...
8538-31 IDT-8538-31 Datasheet
226Kb / 14P
LVPECL Fanout Buffer
logo
Renesas Technology Corp
MC100ES6535 RENESAS-MC100ES6535 Datasheet
450Kb / 10P
3.3V LVCMOS-to-LVPECL 1:4 Fanout Buffer
2019
IDT8T53S111I RENESAS-IDT8T53S111I Datasheet
841Kb / 19P
1:10 LVPECL Output Fanout Buffer
2019
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com