Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS1011 Datasheet (PDF) - VLSI Solution Oy

VS1011 Datasheet PDF - VLSI Solution Oy
Part # VS1011
Download  VS1011 Download
File Size   600.57 Kbytes
Page   49 Pages
Manufacturer  VLSI [VLSI Solution Oy]
Direct Link  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy
Description VS1011e - MP3 AUDIO DECODER

VS1011 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS1011 Datasheet PDF - VLSI Solution Oy

Part # VS1011
Download  VS1011 Click to download

File Size   600.57 Kbytes
Page   49 Pages
Manufacturer  VLSI [VLSI Solution Oy]
Direct Link  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy
Description VS1011e - MP3 AUDIO DECODER

VS1011 Datasheet (HTML) - VLSI Solution Oy


VS1011 Product details

Features
 Decodes MPEG 1.0 & 2.0 audio layer
III (MP3: CBR, VBR, ABR); layers I &
II (MP1, MP2) optional; WAV (PCM +
IMA ADPCM)
 320 kbit/s MP3 with 12.0MHz external
clock
 Streaming support for all audio formats
 Bass and treble controls
 Operates with single 12..13MHz or
24..26MHz external clock
 Internal clock doubler
 Low-power operation
 High-quality stereo DAC with no phase
error between channels
 Stereo earphone driver capable of driving
a 30
load
 Separate 2.5..3.6V operating voltages
for analog and digital
 Serial control and data interfaces
 Can be used as a slave co-processor
 5.5 KiB On-chip RAM for user code /
data
 SPI boot for standalone applications
 New functions may be added with software
and 4 GPIO pins
 Lead-free and RoHS-compliant packages
LQFP-48 and SOIC-28

Description
VS1011e is a single-chip MPEG audio (MP3)
decoder IC. It contains a high-performance,
low-power DSP core VS_DSP4, working memory,
5 KiB instruction RAM and 0.5 KiB data
RAM for user applications, serial control and
input data interfaces, 4 general purpose I/O
pins, as well as a high-quality variable-samplerate
stereo DAC, followed by an earphone amplifier
and a common buffer.
VS1011e receives its input bitstream through
a serial input bus, which it listens to as a
system slave. The input stream is decoded
and passed through a digital volume control
to an 18-bit oversampling, multi-bit, sigmadelta
DAC. The decoding is controlled via a
serial control bus. In addition to basic decoding,
it is possible to add application specific
features, like DSP effects, to the user RAM
memory.
VS1011e can boot directly from SPI EEPROM
to run standalone applications without a separate
microcontroller.




Similar Part No. - VS1011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VS1011 ETC1-VS1011 Datasheet
420Kb / 43P
MP3 AUDIO CODEC
VS1011E ETC2-VS1011E Datasheet
467Kb / 49P
MPEG AUDIO CODEC
VS1011E ETC2-VS1011E Datasheet
654Kb / 48P
MP3 AUDIO DECODER
VS1011E ETC2-VS1011E_12 Datasheet
654Kb / 48P
MP3 AUDIO DECODER
More results


Similar Description - VS1011

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT8401 PTC-PT8401 Datasheet
228Kb / 28P
MP3 Audio Decoder
logo
Integrated Circuit Syst...
UDA1380 ICST-UDA1380 Datasheet
278Kb / 68P
Stereo audio coder-decoder for MD, CD and MP3
logo
Princeton Technology Co...
PT8402 PTC-PT8402 Datasheet
45Kb / 4P
MP3, AAC Decoder IC
logo
ATMEL Corporation
AT83SND2CMP3_0605 ATMEL-AT83SND2CMP3_0605 Datasheet
871Kb / 97P
Single-Chip MP3 Decoder with Full Audio Interface
logo
Princeton Technology Co...
PT8402B PTC-PT8402B Datasheet
185Kb / 5P
MP3 Audio Decoder IC
PT8405 PTC-PT8405 Datasheet
161Kb / 3P
MP3/WMA Decoder and MP3 Encoder IC
PT8402B PTC-PT8402B_10 Datasheet
185Kb / 5P
MP3 Audio Decoder IC
PT8405 PTC-PT8405_10 Datasheet
161Kb / 3P
MP3/WMA Decoder and MP3 Encoder IC
PT8406 PTC-PT8406_10 Datasheet
161Kb / 3P
MP3/WMA Decoder IC
logo
List of Unclassifed Man...
VS1011E ETC2-VS1011E_12 Datasheet
654Kb / 48P
MP3 AUDIO DECODER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com