Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS1103 Datasheet (PDF) - VLSI Solution Oy

VS1103 Datasheet PDF - VLSI Solution Oy
Part # VS1103
Download  VS1103 Download
File Size   1704.77 Kbytes
Page   30 Pages
Manufacturer  VLSI [VLSI Solution Oy]
Direct Link  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy
Description VS1103 Module

VS1103 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS1103 Datasheet PDF - VLSI Solution Oy

Part # VS1103
Download  VS1103 Click to download

File Size   1704.77 Kbytes
Page   30 Pages
Manufacturer  VLSI [VLSI Solution Oy]
Direct Link  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy
Description VS1103 Module

VS1103 Datasheet (HTML) - VLSI Solution Oy


VS1103 Product details

Features
 Plays audio from SD card
 Plays audio from SPI Flash (separate
firmware)
 Plays MIDI andWAV (PCM, IMA ADPCM)
 Firmware and content can be customized
 Controlled via SPI (SD) or UART (SPI
FLASH)
 High-performance CD-quality analog out
 Supports various sample rates
 Operates from a single supply (VCC=4.0
to 6.0 V)
(Note: IO pins are not 5V-tolerant. Do
not drive them over 3.6 V!)
 Line output
 Headphone output
 Line input
 Microphone input
 SPI FLASH for code and/or audio data
storage
 SD connector for large audio data storage
 The most useful signals are routed to
pin headers for easy access and customization

Description
The VS1103 Module is a small, low-cost, highperformance,
easy-to-use audio player that is
controlled from serial control interface (when
playing from SD card) or an UART (when
playing from SPI FLASH). It can be used as
a “plug-in” audio board in electronic systems
or as a standalone small audio player.
The product is supported by design services,
audio content preparation and pre-programming.
It is also fully configurable by the user by using
free Integrated Development Tools (VSIDE)
for the VS1103 IC. The use of the module
does not require any advanced information
from the user.
Pin headers of the PCB are compatible with
DIL32 footprint 2.54 pitch 15.24 mm wide (100
mils pitch, 600 mils wide). This makes it possibe
to use standard DIL32 ZIF sockets or
solder it by using DIL32 footprint.
The left row of the PCB has digital connections
for SPI control or other circuitry. The
right row has power connections, analog connections
and a serial port. These can be
used to interface the board with a PC and
VSIDE or a host microcontroller.
The VS1103 Module operates from a single
power supply. The board has either 2MBytes
(VSMD301) or 16MBytes (VSMD321) of onboard
FLASH and a SD card connector for
audio content. The module boots from the
on-board FLASH memory.




Similar Part No. - VS1103

ManufacturerPart #DatasheetDescription
logo
VLSI Solution Oy
VS1103 VLSI-VS1103 Datasheet
522Kb / 61P
VS1103b - MIDI/ADPCM AUDIO CODEC
Version: 1.04, 2018-03-16
logo
List of Unclassifed Man...
VS1103B ETC2-VS1103B Datasheet
559Kb / 61P
MIDI/ADPCM AUDIO CODEC
logo
VLSI Solution Oy
VS1103B VLSI-VS1103B Datasheet
522Kb / 61P
VS1103b - MIDI/ADPCM AUDIO CODEC
Version: 1.04, 2018-03-16
More results


Similar Description - VS1103

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBR10PD120 FUJI-6MBR10PD120 Datasheet
2Mb / 5P
IGBT Module(Power Integrated Module)
7MBP10PE120 FUJI-7MBP10PE120 Datasheet
1Mb / 5P
IGBT Module(Power Integrated Module)
7MBR15PE120 FUJI-7MBR15PE120 Datasheet
1Mb / 5P
IGBT Module(Power Integrated Module)
logo
List of Unclassifed Man...
MTC-16204X ETC-MTC-16204X Datasheet
88Kb / 1P
MODULE
logo
Mitsumi Electronics, Co...
WML-C06 MITSUMI-WML-C06 Datasheet
107Kb / 2P
Module
logo
SanRex Corporation
SBA500AA SANREX-SBA500AA Datasheet
131Kb / 2P
MODULE
logo
List of Unclassifed Man...
GM862-GPS ETC2-GM862-GPS Datasheet
443Kb / 2P
module
logo
Advantech Co., Ltd.
ADAM-4011 ADVANTECH-ADAM-4011 Datasheet
264Kb / 2P
Thermocouple Input Module Analog Input Module RTD Input Module
logo
List of Unclassifed Man...
AIRBON-F400 ETC-AIRBON-F400 Datasheet
382Kb / 17P
Module
BCD110 ETC-BCD110 Datasheet
1Mb / 25P
Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com