Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VO2223 Datasheet (PDF) - Vishay Siliconix

VO2223 Datasheet PDF - Vishay Siliconix
Part # VO2223
Download  VO2223 Download
File Size   167.21 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Power Phototriac

VO2223 Datasheet (PDF)

Go To PDF Page Download Datasheet
VO2223 Datasheet PDF - Vishay Siliconix

Part # VO2223
Download  VO2223 Click to download

File Size   167.21 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Power Phototriac

VO2223 Datasheet (HTML) - Vishay Siliconix


VO2223 Product details

DESCRIPTION
The VO2223 is an optically couple phototriac driving a
power triac in a DIP-8 package. It provides a 5300 V of input
to output isolation.

FEATURES
• Maximum trigger current (IFT): 10 mA
• Isolation test voltage 5300 VRMS
• Peak off-state voltage 600 V
• Load current 0.9 ARMS
• dV/dt of 210 V/μs
• DIP-8 package
• Pure tin leads
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Home appliances (air conditioners, microwave ovens,
washing machines, personal hygiene systems,
refrigerators, fan heaters, inductive heating cooker, water
heaters, etc.)
• Industrial equipments

AGENCY APPROVALS
The safety application model number covering all products
in this data sheet is VO2223. This model number should be
used when consulting safety agency documents.
• UL / cUL 1577
• DIN EN 60747-5-5 (VDE 0884-5), available with option 1




Similar Part No. - VO2223

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO2223 VISHAY-VO2223 Datasheet
86Kb / 6P
Power Phototriac
19-Mar-10
VO2223 VISHAY-VO2223 Datasheet
107Kb / 6P
Optocoupler, Power Phototriac
12-Sep-12
VO2223 VISHAY-VO2223 Datasheet
130Kb / 7P
Optocoupler, Power Phototriac
07-Dec-17
VO2223-X001 VISHAY-VO2223-X001 Datasheet
86Kb / 6P
Power Phototriac
19-Mar-10
VO2223-X001 VISHAY-VO2223-X001 Datasheet
107Kb / 6P
Optocoupler, Power Phototriac
12-Sep-12
More results


Similar Description - VO2223

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BRT11 VISHAY-BRT11 Datasheet
354Kb / 7P
Optocoupler, Phototriac Output
26-Apr-04
BRT11 VISHAY-BRT11_08 Datasheet
404Kb / 8P
Optocoupler, Phototriac Output
11-Apr-05
VO2223 VISHAY-VO2223_12 Datasheet
107Kb / 6P
Optocoupler, Power Phototriac
12-Sep-12
VO2223A VISHAY-VO2223A_12 Datasheet
107Kb / 6P
Optocoupler, Power Phototriac
12-Sep-12
VO3526 VISHAY-VO3526_12 Datasheet
123Kb / 8P
Optocoupler, Power Phototriac
24-Sep-12
VO2223B VISHAY-VO2223B Datasheet
158Kb / 9P
Optocoupler, Power Phototriac
12-Dec-17
VO2223 VISHAY-VO2223_17 Datasheet
130Kb / 7P
Optocoupler, Power Phototriac
07-Dec-17
VO3020 VISHAY-VO3020_18 Datasheet
219Kb / 8P
Optocoupler, Phototriac Output, 400 VDRM
07-Mar-18
VO2223A VISHAY-VO2223A_V01 Datasheet
171Kb / 9P
Optocoupler, Power Phototriac
07-May-2021
VO2223B VISHAY-VO2223B_V01 Datasheet
171Kb / 9P
Optocoupler, Power Phototriac
18-Mar-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com