Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1340147 Datasheet (PDF) - PHOENIX CONTACT

1340147 Datasheet PDF - PHOENIX CONTACT
Part # 1340147
Download  1340147 Download
File Size   184.28 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Coaxial cable - NBC-COX-CNM/5.0-M/COX-CKM

1340147 Datasheet (PDF)

Go To PDF Page Download Datasheet
1340147 Datasheet PDF - PHOENIX CONTACT

Part # 1340147
Download  1340147 Click to download

File Size   184.28 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Coaxial cable - NBC-COX-CNM/5.0-M/COX-CKM

1340147 Datasheet (HTML) - PHOENIX CONTACT


1340147 Product details

Coaxial cable, 50 Ω, length: 5 m, N(m) - SMA(m), external cable diameter: 4.9 mm, transmission
frequency: ≤7.25 GHz, typical attenuation: 800 MHz 2.3 dB, 2.4 GHz 3.8 dB, 5.8 GHz 6 dB, 7.
25 GHz 7.3 dB

Your advantages
• Future-proof, thanks to the use of lead-free materials
• Ideal for WLAN, Bluetooth, LTE, and 5G signals
• The frequency range up to 7.25 GHz enables the use of high Wi-Fi 6 and 5G frequency bands
• Use of UV-resistant LSZH cable enables use in virtually all industrial field communication applications




Similar Part No. - 1340147

ManufacturerPart #DatasheetDescription
logo
IDEM Safety Switches
134014 IDEM-SAFETY-134014 Datasheet
1Mb / 2P
Non Contact Magnetic Safety Switches
Jun 21
logo
PHOENIX CONTACT
1340143 PHOENIX-1340143 Datasheet
177Kb / 3P
Coaxial cable - NBC-COX-CNM/1.0-M/COX-CKM
Jan 11, 2023
1340144 PHOENIX-1340144 Datasheet
180Kb / 4P
Coaxial cable - NBC-COX-CNM/3.0-M/COX-CKM
Jan 11, 2023
1340148 PHOENIX-1340148 Datasheet
177Kb / 4P
Coaxial cable - NBC-COX-CKM/10.0-M/COX-CKF
Jan 11, 2023
1340149 PHOENIX-1340149 Datasheet
181Kb / 4P
Coaxial cable - NBC-COX-CKM/5.0-M/COX-CKF
Nov 3, 2022
More results


Similar Description - 1340147

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1340149 PHOENIX-1340149 Datasheet
181Kb / 4P
Coaxial cable - NBC-COX-CKM/5.0-M/COX-CKF
Nov 3, 2022
1340122 PHOENIX-1340122 Datasheet
185Kb / 5P
Coaxial cable - NBC-COX-CNM/0.5-M/COX-CNM
Jan 11, 2023
1340124 PHOENIX-1340124 Datasheet
182Kb / 4P
Coaxial cable - NBC-COX-CNM/5.0-L/COX-CNM
Jan 11, 2023
1340131 PHOENIX-1340131 Datasheet
179Kb / 4P
Coaxial cable - NBC-COX-CNM/1.0-M/COX-CLM
Jan 11, 2023
1340133 PHOENIX-1340133 Datasheet
176Kb / 3P
Coaxial cable - NBC-COX-CNM/1.5-M/COX-CLM
Jan 11, 2023
1340137 PHOENIX-1340137 Datasheet
183Kb / 5P
Coaxial cable - NBC-COX-CNM/5.0-M/COX-CLM
Jan 11, 2023
1340139 PHOENIX-1340139 Datasheet
175Kb / 3P
Coaxial cable - NBC-COX-CNM/0.5-S/COX-CKM
Jan 11, 2023
1340143 PHOENIX-1340143 Datasheet
177Kb / 3P
Coaxial cable - NBC-COX-CNM/1.0-M/COX-CKM
Jan 11, 2023
1340144 PHOENIX-1340144 Datasheet
180Kb / 4P
Coaxial cable - NBC-COX-CNM/3.0-M/COX-CKM
Jan 11, 2023
1340148 PHOENIX-1340148 Datasheet
177Kb / 4P
Coaxial cable - NBC-COX-CKM/10.0-M/COX-CKF
Jan 11, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com