Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC201607-ATC4 Datasheet (PDF) - CT Micro International Corporation

AC201607-ATC4 Datasheet PDF - CT Micro International Corporation
Part # AC201607-ATC4
Download  AC201607-ATC4 Download
File Size   1130.23 Kbytes
Page   10 Pages
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation
Description SMD Type Amber Emitter

AC201607-ATC4 Datasheet (PDF)

Go To PDF Page Download Datasheet
AC201607-ATC4 Datasheet PDF - CT Micro International Corporation

Part # AC201607-ATC4
Download  AC201607-ATC4 Click to download

File Size   1130.23 Kbytes
Page   10 Pages
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation
Description SMD Type Amber Emitter

AC201607-ATC4 Datasheet (HTML) - CT Micro International Corporation


AC201607-ATC4 Product details

Features

 Top view 2016 package
 Viewing Angle = 600
 Compatible with infrared and vapor phase reflow
solder process
 High reliability
 Ultra bright Amber
 RoHS compliance

Applications

 Optical indicator.
 Switch and Symbol Display.

Description

The AC201607-ATC4 is an AlGaInP Amber LED
housed in a miniature SMD package. The device
has a dominant wavelength of 605 nm LED.




Similar Part No. - AC201607-ATC4

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AC2010 YAGEO-AC2010 Datasheet
345Kb / 11P
THICK FILM CHIP RESISTORS Automotive grade
AC2010 YAGEO-AC2010 Datasheet
312Kb / 10P
THICK FILM CHIP RESISTORS Automotive grade
AC2010 YAGEO-AC2010 Datasheet
455Kb / 12P
THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
Mar. 19,2021 V.8
AC2010 YAGEO-AC2010 Datasheet
397Kb / 12P
THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
Jan. 04, 2023 V.10
AC2010 YAGEO-AC2010 Datasheet
414Kb / 12P
THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
Aug. 02, 2022 V.9
More results


Similar Description - AC201607-ATC4

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
GP1608X08-B30 CTMICRO-GP1608X08-B30 Datasheet
908Kb / 9P
SMD Type Green Emitter
GP1708Q06-B30 CTMICRO-GP1708Q06-B30 Datasheet
784Kb / 9P
SMD Type Green Emitter
AP100505-ATC3 CTMICRO-AP100505-ATC3 Datasheet
1Mb / 10P
SMD Type Amber Emitter
Rev 2 Jan, 2021
AP160804-ATC4 CTMICRO-AP160804-ATC4 Datasheet
1Mb / 10P
SMD Type Amber Emitter
Rev 2 Jan, 2021
AP160806-ATC4 CTMICRO-AP160806-ATC4 Datasheet
987Kb / 10P
SMD Type Amber Emitter
Rev 3 Jan, 2021
AP201208-ATC3 CTMICRO-AP201208-ATC3 Datasheet
1Mb / 10P
SMD Type Amber Emitter
Rev 2 Jan, 2021
AP321608-ATC3 CTMICRO-AP321608-ATC3 Datasheet
1Mb / 10P
SMD Type Amber Emitter
Rev 2 Jan, 2021
BP1608X09-G0 CTMICRO-BP1608X09-G0 Datasheet
929Kb / 9P
SMD Type Blue Emitter
Rev 0 Apr, 2019
AC101606-ATC4 CTMICRO-AC101606-ATC4 Datasheet
1Mb / 10P
SMD Type Amber Emitter
Rev 1 Aug, 2020
AC352818-ATC2 CTMICRO-AC352818-ATC2 Datasheet
1Mb / 10P
SMD Type Amber Emitter
Rev 1 Sep, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com