Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS314 Datasheet (PDF) - CT Micro International Corporation

CTS314 Datasheet PDF - CT Micro International Corporation
Part # CTS314
Download  CTS314 Download
File Size   1522.09 Kbytes
Page   14 Pages
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation
Description 1.0A MOSFET/IGBT Gate Driver Optocoupler

CTS314 Datasheet (PDF)

Go To PDF Page Download Datasheet
CTS314 Datasheet PDF - CT Micro International Corporation

Part # CTS314
Download  CTS314 Click to download

File Size   1522.09 Kbytes
Page   14 Pages
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation
Description 1.0A MOSFET/IGBT Gate Driver Optocoupler

CTS314 Datasheet (HTML) - CT Micro International Corporation


CTS314 Product details

Features

 Peak Output Current : IOP = ±1.0A (max)
 Threshold Input Current: IFLH = 5 mA (max)
 Common mode transient immunity : ±25kV/μs (min)
 RoHS and REACH Compliance
 Halogen Free Compliance
 MSL class 1
 Regulatory Approvals
 UL - UL1577 (E364000)
 VDE - EN60747-5-5(VDE0884-5)
 CQC – GB4943.1, GB8898(14001104999)
 IEC62368 (FI/41119)

Description

The CTS314 consists of a GaAsP LED optically
coupled to an integrated circuit w ith a power output
stage. This optocouple r is ideally suited for driving
power IGBTs and MOSFETs used in motor control
inverter applications. The high operating voltage range
of the output stage provides the drive voltages required
by gate controlled devices.

Applications

 Isolated IGBT/Power MOSFET gate drive
 Industrial Inverter
 AC brushless and DC motor drives
 Induction Heating




Similar Part No. - CTS314

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CTS3522 ETC2-CTS3522 Datasheet
136Kb / 1P
TNC STRAIGHT PLUG FOR ECS CABLE 352001
logo
Altech corporation
CTS35U ALTECH-CTS35U Datasheet
508Kb / 4P
FEED-THROUGH 35 or 32mm DIN Rail
logo
Central Technologies
CTS3F CT-CTS3F Datasheet
321Kb / 1P
Shielded Inductors - Axial
CTS3F-100J CT-CTS3F-100J Datasheet
321Kb / 1P
Shielded Inductors - Axial
CTS3F-100K CT-CTS3F-100K Datasheet
321Kb / 1P
Shielded Inductors - Axial
More results


Similar Description - CTS314

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
Rev 1.0.4
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P314 AVAGO-ACPL-P314 Datasheet
202Kb / 14P
0.6 Amp Output Current IGBT Gate Driver Optocoupler
ACPL-331J-000E AVAGO-ACPL-331J-000E Datasheet
300Kb / 22P
1.5 Amp Output Current IGBT Gate Driver Optocoupler
logo
Fairchild Semiconductor
FOD3184S FAIRCHILD-FOD3184S Datasheet
746Kb / 23P
3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
CT Micro International ...
CT350 CTMICRO-CT350 Datasheet
1Mb / 15P
2.5A MOSFET/IGBT Gate Driver Optocoupler
CT3120 CTMICRO-CT3120 Datasheet
1Mb / 15P
2.5A MOSFET/IGBT Gate Driver Optocoupler
CT3150 CTMICRO-CT3150 Datasheet
1Mb / 15P
1.0A MOSFET/IGBT Gate Driver Optocoupler
CTS701 CTMICRO-CTS701 Datasheet
947Kb / 13P
0.6A MOSFET/IGBT Gate Driver Optocoupler
CTW3120 CTMICRO-CTW3120 Datasheet
1Mb / 14P
2.5A MOSFET/IGBT Gate Driver Optocoupler
CTS700 CTMICRO-CTS700 Datasheet
1Mb / 17P
2.5A MOSFET/IGBT Gate Driver Optocoupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com